Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) PC87306 Datasheet HTML 89Page - National Semiconductor (TI) PC87306 Datasheet HTML 90Page - National Semiconductor (TI) PC87306 Datasheet HTML 91Page - National Semiconductor (TI) PC87306 Datasheet HTML 92Page - National Semiconductor (TI) PC87306 Datasheet HTML 93Page - National Semiconductor (TI) PC87306 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
Control Register B
SET
PIE
AIE
UIE
0
DM
2412
DSE
bit
7
6
5
4
3
2
1
0
Bit 0
DSEDaylight Savings Enable
(ReadWrite)
1 Enables daylight savings Two conditions ap-
ply as follows
Daylight Savings Spring Time advances from
15959 to 30000 on the first Sunday in April
Daylight Savings Fall Time advances from
15959 to 10000 on the last Sunday in Octo-
ber
0 Disables the daylight savings feature
Reset has no effect on this bit
Bit 1
241224 or 12 Hour Mode
(ReadWrite)
1 Enables 24 hour format
0 Enables 12 hour format
Reset has no effect on this bit
Bit 2
DMData Mode
(ReadWrite)
1 Enables BINARY format
0 Enables BCD format
Reset has no effect on this bit
Bit 3
This bit is defined as ‘‘Square Wave Enable’’ by
the MC146818 and is not supported by the RTC
Cell This bit is always read as 0
Bit 4
UIEUpdate Ended Interrupt Enable
(ReadWrite)
1 Enables generation of the Update Ended in-
terrupt This interrupt is generated at the time
an update occurs
0 Disables generation of the Update Ended in-
terrupt
Reset forces this bit to 0
Note
It is recommended that the software clears bits 4–6 of
Control Register B and reads Control Register C after
reset
Bit 5
AIEAlarm Interrupt Enable
(ReadWrite)
1 Enables generation of the Alarm interrupt The
Alarm interrupt is generated immediately after
a time update in which the Seconds Minutes
and Hours time matches with their respective
alarm counterparts
0 Disables generation of the alarm interrupt
Reset forces this bit to 0
Note
It is recommended that the software clears bits 4–6 of
Control Register B and reads Control Register C after
reset
Bit 6
PIEPeriodic Interrupt Enable
(ReadWrite)
1 Enables generation of the Periodic interrupt
Bits 3 – 0 of Control Register A determine the
rate of the Periodic interrupt
0 Disables generation of the Periodic interrupt
Reset forces this bit to 0
Note
It is recommended that the software clears bits 4–6 of
Control Register B and reads Control Register C after
reset
Bit 7
SETSet mode
(ReadWrite)
1 The user copy of time is ‘‘frozen’’ allowing the
time registers to be accessed without regard
for an occurrence of an update
0 The timing updates occur normally
Reset has no effect on this bit
Control Register C
IRQF
PF
AF
UF
0
0
0
0
bit
7
6
5
4
3
2
1
0
Bits 0 – 3
Reserved
(Always 0)
Bit 4
UFUpdate Ended Interrupt Flag
(Read Only)
1 When the time registers are updated This bit
is reset to 0 at the conclusion of a read from
this register Reset forces this bit to 0
Bit 5
AFAlarm Interrupt Flag
(Read Only)
1 When an alarm condition is detected This bit
is reset to 0 at the conclusion of a read from
this register Reset forces this bit to 0
Bit 6
PFPeriodic Interrupt Flag
(Read Only)
1 When a transition occurs on the selected tap
of the divider chain This bit is reset to 0 at
the conclusion of a read from this register
Reset forces this bit to 0
Bit 7
IRQFInterrupt Request Flag
(Read Only)
1 When bit pairs PIE and PF AIE and AF and
UIE and UF all equal 1 The IRQF bit mirrors
the value on the IRQZ output When lRQZ is
active (low) IRQF is 1 Reset forces this bit to
0
Control Register D
VRT0000000
bit
7
6543210
Bits 0 – 6 Reserved
(Always 0)
Bit 7
VRTValid RAM and Time
(Read Only)
1 This bit indicates that the contents of the RTC
are valid
0 This bit indicates that the battery source is low
and that the RTC data and RAM data are
questionable This bit is set to 1 at the conclu-
sion of a read from this register
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com