Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) PC87306 Datasheet HTML 89Page - National Semiconductor (TI) PC87306 Datasheet HTML 90Page - National Semiconductor (TI) PC87306 Datasheet HTML 91Page - National Semiconductor (TI) PC87306 Datasheet HTML 92Page - National Semiconductor (TI) PC87306 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
1027 System Bus Lock Out and Power-Up Detection
As the RTC switches to battery power all inputs are locked
out so that the internal registers can not be modified This
lockout condition continues for 62 ms (min) to 125 ms (max)
after the RTC switches from battery power to system power
The 62 ms – 125 ms lockout during power transition from
battery to system power depends on the following condi-
tions
1 If the Divider Chain Control (bits 6 – 4 in Control Register
A) is in any mode but Normal Operation (010) all inputs
are enabled immediately upon detection of system volt-
age above that of battery voltage
2 When Battery voltage is below 1V and MR is 1 all inputs
are enabled immediately upon detection of system volt-
age above that of battery voltage This also initializes
registers 00 through 0D to 00
3 If the VRT bit (bit 7 in Control Register D) is 0 all inputs
are enabled immediately upon detection of system volt-
age above that of battery voltage
1028 Oscillator
When power is applied to the RTC in the PC87306 the
Oscillator is operational with the following exceptions
1 The VRT bit (bit 7 in Control Register D) is a 0 The
oscillator is disabled after initial power-up This reduces
power consumption during the time between when the
battery is initially installed and when the RTC is initialized
for timekeeping
2 The Divider Chain Control (bits 6 – 4 in Control Register
A) is in Oscillator Disabled modes (000 and 001) This
provides a means for the user to ‘‘shut-down’’ the oscil-
lator and reduce the power consumption of the RTC cell
The RAM remains functional when the oscillator is dis-
abled
1029 Interrupt Handling
The Periodic Alarm and Update ended Interrupts are gen-
erated (IRQZ is driven low) when the respective enable bits
in Control Register B are set and an interrupt condition oc-
curs A read from Register C clears the active interrupt If a
second interrupt condition occurs (other than that which
caused the interrupt) during a read from Register C IRQZ
remains active (low) Thus it is recommended that when
multiple interrupts are enabled the interrupt service routine
continues to read (and service interrupts) until bit 7 of Con-
trol Register C (IRQ Flag) returns to a 1 Note that if an
interrupt is not serviced before a second condition of the
same interrupt occurs the second interrupt event is lost
10210 Control Registers
The four Control Registers used to configure timing inter-
rupts can be accessed at any time during non-battery
backed operation These Control Registers are located at
addresses 0Ah 0Bh 0Ch and 0Dh Their descriptions fol-
low
Control Register A
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
bit
7
6
5
4
3210
Bits 0 – 3 RS3 – 0Periodic Interrupt Rate Select
(ReadWrite)
These bits control the rate of the periodic inter-
rupt Reset has no effect on these bits
RS3–0
Periodic
Interrupt Rate
0000
None
0001
390625
ms
0010
78125
ms
0011
122070
m
s
0100
244141
m
s
0101
488281
m
s
0110
976562
m
s
0111
1953125
ms
1000
390625
ms
1001
78125
ms
1010
15625
ms
1011
3125
ms
1100
625
ms
1101
125
ms
1110
250
ms
1111
500
ms
Bits 4 – 6 DV2 – 0Divider Chain Control
(ReadWrite)
These bits control the configuration of the divider
chain in the Timing Generation function
Reset has no effect on these bits
DV2–0
Divider Chain
Configuration
000
Oscillator Disabled
001
Oscillator Disabled
010
Normal Operation
011
TEST
100
TEST
101
TEST
110
Divider Chain RESET
111
Divider Chain RESET
Bit 7
UIPUpdate in Progress
(Read Only)
1 Signifies that the timing registers will be up-
dated within 244 ms
0 Signifies that an update will not occur before
244 ms This bit reads 0 when bit 7 of Control
Register B (SET) is a 1
Reset has no effect on this bit
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com