Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 79Page - National Semiconductor (TI) PC87306 Datasheet HTML 80Page - National Semiconductor (TI) PC87306 Datasheet HTML 81Page - National Semiconductor (TI) PC87306 Datasheet HTML 82Page - National Semiconductor (TI) PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
TLC12379 – 53
FIGURE 10-4 Fast IRQ Latching and Clearing
IRQ1 and IRQ2
When the KBC is enabled the keyboard and mouse IRQ
lines (IRQ1 and IRQ12) are either identical to or a function
of the 8042’s P24 and P25 as detailed in
Figure 10-4
IRQ12 can be placed in TRI-STATE by setting the IRQ12
TRI-STATE control bit (bit 2 of SCF0) to 1 In this case
IRQ12 input is blocked to 1
NOTE EN FLAGS command (used for routing OBF and IBF onto P24 and
P25) will cause unpredictable results and should not be issued
1012 Program Memory
The keyboard controller of the PC87306 has a 2kx8ROM
based program memory An 11-bit program counter allows
direct access to every location of the program memory
Fig-
ure 10-5 shows the memory map There are three special
locations associated with hardware functions
1 000h After the keyboard controller is reset the program
counter is initialized to 000h
2 003h When the input buffer of the host interface (DBBlN)
is full and the IBF interrupt is enabled the CPU
makes an interrupt call to this location
3 007h When the timer overflows and the timer interrupt is
enabled the CPU makes an interrupt call to this
location
1013 Data Memory and Registers
The keyboard controller has 256 Bytes of data memory in-
cluding 2 banks of registers 8 registers each and an 8-level
stack
Figure 10-5 shows the data RAM organization
TLC12379 – 51
FIGURE 10-5 Keyboard Controller Data Memory Map
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com