Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 61Page - National Semiconductor (TI) PC87306 Datasheet HTML 62Page - National Semiconductor (TI) PC87306 Datasheet HTML 63Page - National Semiconductor (TI) PC87306 Datasheet HTML 64Page - National Semiconductor (TI) PC87306 Datasheet HTML 65Page - National Semiconductor (TI) PC87306 Datasheet HTML 66Page - National Semiconductor (TI) PC87306 Datasheet HTML 67Page - National Semiconductor (TI) PC87306 Datasheet HTML 68Page - National Semiconductor (TI) PC87306 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
60 Serial Ports (Continued)
TABLE 6-3 PC87306 UART Reset Configuration
Register or Signal
Reset Control
Reset State
Interrupt Enable
Master Reset (MR)
0000
0000 (Note 1)
Interrupt Identification
Master Reset
0000 0001
FIFO Control
Master Reset
0000 0000
Line Control
Master Reset
0000 0000
MODEM Control
Master Reset
000
0 0000
Line Status
Master Reset
0110 0000
MODEM Status
Master Reset
XXXX 0000 (Note 2)
SOUT
Master Reset
High
INTR (RCVR Errs)
Read LSRMR
LowTRI-STATE
INTR (RCVR Data Ready)
Read RBRMR
LowTRI-STATE
INTR (THRE)
Read IIRWrite THRMR
LowLowTRI-STATE
INTR (Modem Status Changes)
Read MSRMR
LowTRI-STATE
Interrupt Enable Bit
Master Reset
Low
RTS
Master Reset
High
DTR
Master Reset
High
RCVR FIFO
MR or (FCR1e1 and FCR0e1) or Change in FCR0
All Bits Low
XMIT FIFO
MR or (FCR2e1 and FCR0e1) or Change in FCR0
All Bits Low
Note 1 Boldface
bits are permanently low
Note 2
Bits 7–4 are driven by the input signals
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It
must be set high (logic 1) to access the Divisor
Latches of the Baud rate Generator during a Read
or Write operation or to have the Baud Out
(BOUT) signal appear on the BOUT pin It must be
set low (logic 0) to access any other register
63 PROGRAMMABLE BAUD RATE GENERATOR
The PC87306 contains two independently programmable
Baud rate Generators The 24 MHz oscillator frequency in-
put is divided by 13 resulting in a frequency of 18462 MHz
This is sent to each Baud rate Generator and divided by the
divisor of the associated UART The output frequency of the
Baud rate Generator (BOUT12) is 16c the baud rate
divisor
e
(frequency input) (baud rate c 16)
The output of each Baud rate Generator drives the transmit-
ter and receiver sections of the associated serial channel
Two 8-bit latches per channel store the divisor in a 16-bit
binary format These Divisor Latches must be loaded during
initialization to ensure proper operation of the Baud rate
Generator Upon loading either of the Divisor Latches a
16-bit Baud Counter is loaded Table 6-4 provides decimal
divisors to use with crystal frequencies of 24 MHz The os-
cillator input to the chip should always be 24 MHz to ensure
that the Floppy Disk Controller timing is accurate and that
the UART divisors are compatible with existing software
Using a divisor of zero is not recommended
TABLE 6-4 PC87306 UART Divisors
Baud Rates and Clock Frequencies
24 MHz Input Divided to 18462 MHz
Baud Rate
Decimal Divisor
Percent
for 16x Clock
Error (Note)
50
2304
01
75
1536
110
1047
1345
857
04
150
768
300
384
600
192
1200
96
1800
64
2000
58
05
2400
48
3600
32
4800
24
7200
16
9600
12
19200
6
38400
3
57600
2
115200
1
Note
The percent error for all baud rates except where indicated otherwise
is 02%
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com