Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 78Page - National Semiconductor (TI) PC87306 Datasheet HTML 79Page - National Semiconductor (TI) PC87306 Datasheet HTML 80Page - National Semiconductor (TI) PC87306 Datasheet HTML 81Page - National Semiconductor (TI) PC87306 Datasheet HTML 82Page - National Semiconductor (TI) PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
Section 101 will describe in detail the operation of the func-
tional blocks shown in
Figure 10-1
The RTC supports a 100-year calendar as well as a time-of-
day clock with alarm features and battery backup Section
102 will describe the RTC in detail
101 PC87306 KBC FUNCTION
1011 Host System Interface
Common Signals
The keyboard controller is interfaced to the host system
through a common system interface The interface consists
of the address bus A0 – A15 Address Enable (AEN) signal
data bus D0 – D7 and control signals IO Read (IOR) and
IO Write (IOW) (see
Figure 10-2 )
Address bus A0 – A15 connects to the system address
SA0 – SA15 of the system The PC87306 uses the system
address and the AEN signal to decode the access to the
configuration register
Data bus D0 – D7 connects to the peripheral bus XD0 – XD7
of the system
The IOR and IOW inputs connect to the IOR and IOW lines
of the system All read and write operations to the PC87306
are IO operations
The PC87306 decodes the keyboard controller chip-select
from A0 – A15 (60h or 64h)
System Interface Registers
The keyboard controller consists of three 8-bit registers
Data Byte Buffer Output (DBBOUT) Data Byte Buffer Input
(DBBIN) and STATUS See
Figure 10-1
The DBBOUT register is used to transfer data from the key-
board controller to the host system It is written by the key-
board controller using the OUT DBBA instruction A data
read operation by the host system reads its content
The DBBIN register is used to transfer data from the host
system to the keyboard controller It is written by the host
system It is read by the keyboard controller using an IN
A DBB instruction
The STATUS register holds status information related to the
system interface
Figure 10-3 shows the bit definition It is
read-only by the system
ST7
ST6
ST5
ST4
F1
F0
IBF
OBF
bit
7654
3
2
1
0
FIGURE 10-3 Status Register
Bit 0
OBF Output Buffer Full A 1 indicates that data is
written into the DBBOUT register It is cleared by a
system read operation
Bit 1
IBF
Input Buffer Full When a write operation is
performed by the host system it will be set to 1
Upon executing an IN ADBB instruction it will be
cleared
Bit 2
F0 A general purpose flag that can be cleared or
toggled by the keyboard controller software
Bit 3
F1
CommandData Flag This flag holds the
state of A2 when the host system performs a write
operation It is typically used to distinguish be-
tween commands and data coming from the host
system For example when A2 e 1 F1 e 1 and
indicates a command was written by the host
When A2 e 0 F1 e 0 indicating data was written
by the host
Bits 4-7
ST4 – ST7
General purpose flags They can be
written by a MOV STSA instruction
Table 10-1 shows the register address decoding utilized by
the keyboard control system interface
TABLE 10-1 Summary of System Interface Operations
RD
WR
A2
A0 – 15
Operation
0
1
0
0
Read DBBOUT
1
0
0
0
Write DBBIN F1 Clear
0
1
1
0
Read STATUS
1
0
1
0
Write DBBIN F1 Set
X
X
X
1
No Operation
A0–A15 e 00000000011000XX
TLC12379 – 50
FIGURE 10-2 Keyboard Controller to Host System Interface
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com