Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87306 Datasheet HTML 1Page - National Semiconductor (TI) PC87306 Datasheet HTML 2Page - National Semiconductor (TI) PC87306 Datasheet HTML 3Page - National Semiconductor (TI) PC87306 Datasheet HTML 4Page - National Semiconductor (TI) PC87306 Datasheet HTML 5Page - National Semiconductor (TI) PC87306 Datasheet HTML 6Page - National Semiconductor (TI) PC87306 Datasheet HTML 7Page - National Semiconductor (TI) PC87306 Datasheet HTML 8Page - National Semiconductor (TI) PC87306 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
TLC12379
PRELIMINARY
November 1995
PC87306 SuperIO
TM Enhanced Sidewinder Lite
Floppy Disk Controller Keyboard Controller
Real-Time Clock Dual UARTs Infrared Interface
IEEE 1284 Parallel Port and IDE Interface
General Description
The PC87306 is a single chip solution incorporating a Key-
board and PS2
Mouse Controller (KBC) Real Time Clock
(RTC) and most commonly used IO peripherals in ISA
EISA and MicroChannel
based computers In addition to
the KBC and RTC a Floppy Disk Controller (FDC) two full
featured UARTs an IEEE 1284 compatible parallel port and
all the necessary control logic for an IDE interface provides
support for most commonly used IO peripherals Standard
PC-AT
address decoding for all the peripherals a set of
configuration registers and two user selectable chip selects
are also implemented in this highly integrated member of
the SuperIO family The advanced features and high inte-
gration of the PC87306 result in several benefits for low
cost high performance systems Printed circuit board space
savings fewer components on the motherboard and com-
patibility with the latest industry standard peripherals are
only a few of the benefits of using a PC87306
The KBC is fully software compatible with the 8042AH mi-
crocontroller It contains system timing control logic cus-
tom ROM program memory RAM data memory and 18 pro-
grammable IO lines necessary to implement dedicated
control functions It is an efficient controller which uses pre-
dominantly single byte instructions with support for binary and
BCD arithmetic and extensive bit handling capabilities
(Continued)
Features
Y
Floppy Disk Controller
Software compatible with the DP8477 the 765A and
the N82077
16-byte FIFO (disabled by default)
Burst and Non-Burst modes
Perpendicular recording drive support
High performance internal analog data separator
(no external filter components required)
Low power CMOS with power-down mode
Automatic media-sense support with full IBM TDR
(Tape Drive Register) implementation for PC-AT and
PS2 floppy drive types
Y
Keyboard Controller
8042AH and PC87911 software compatible
8-bit Microcomputer with 2 kBytes custom ROM and
256 Bytes data RAM
Asynchronous access to two data registers and one
status register during normal operation
Dedicated open drain outputs for keyboard controller
application
Supports both interrupt and polling
10 programmable IO pins
4 dedicated open-drain bidirectional pins
8-bit TimerCounter
Binary and BCD arithmetic
(Continued)
Block Diagram
TLC12379 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
SuperIOTM is a trademark of National Semiconductor Corporation
MicroChannel
PC-AT
and PS2
are registered trademarks of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - PC87306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC87307VUL NSC-PC87307VUL Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
More results

Similar Description - PC87306

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com