Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 97Page - National Semiconductor (TI) PC87306 Datasheet HTML 98Page - National Semiconductor (TI) PC87306 Datasheet HTML 99Page - National Semiconductor (TI) PC87306 Datasheet HTML 100Page - National Semiconductor (TI) PC87306 Datasheet HTML 101Page - National Semiconductor (TI) PC87306 Datasheet HTML 102Page - National Semiconductor (TI) PC87306 Datasheet HTML 103Page - National Semiconductor (TI) PC87306 Datasheet HTML 104Page - National Semiconductor (TI) PC87306 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
120 Electrical Characteristics (Continued)
12282 ECP
Symbol
Parameter
Min
Max
Units
tKIP
PDACK Inactive Pulse Width
25
ns
tKKP
PDACK Active Pulse Width
65
ns
tKQP
PDACK Active Edge to PDRQ Inactive (Notes 2 3)
65 a (6x32xtCP)ns
tQKP
PDRQ to PDACK Active Edge
10
ns
tQPP
PDRQ Period
330
m
s
tQQP
PDRQ Inactive Non-Burst Pulse Width
300
400
ns
tQRP
PDRQ to RD WR Active
15
ns
tRQP
RD or WR Active Edge to PDRQ Inactive (Note 1)
65
ns
tTQP
TC Active Edge to PDRQ Inactive
75
ns
tTT
TC Active Pulse Width
50
ns
Note 1
The active edge of RD or WR and TC is recognized only when PDACK is active
Note 2
One DMA transaction takes six clock cycles
Note 3
tCP is defined in Section 1222 Clock Timing
TLC12379 – 80
FIGURE 12-12 ECP DMA Timing
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com