Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 221Page - National Semiconductor (TI) SC2200 Datasheet HTML 222Page - National Semiconductor (TI) SC2200 Datasheet HTML 223Page - National Semiconductor (TI) SC2200 Datasheet HTML 224Page - National Semiconductor (TI) SC2200 Datasheet HTML 225Page - National Semiconductor (TI) SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) SC2200 Datasheet HTML 228Page - National Semiconductor (TI) SC2200 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 433 page
background image
Revision 3.0
225
www.national.com
Core Logic Module (Continued)
Index BAh
PIT Shadow Register (RO)
Reset Value: xxh
7:0
PIT Shadow. This 8-bit port sequences through the following list of shadowed Programmable Interval Timer registers. At
power on, a pointer starts at the first register in the list and continuing through the other registers in subsequent reads
according to the read sequence. A write to this register resets the read sequence to the first register. Each shadow register
in the sequence contains the last data written to that location.
The read sequence for this register is:
1. Counter 0 LSB (least significant byte)
2. Counter 0 MSB
3. Counter 1 LSB
4. Counter 1 MSB
5. Counter 2 LSB
6. Counter 2 MSB
7. Counter 0 Command Word
8. Counter 1 Command Word
9. Counter 2 Command Word
Note:
The LSB/MSB of the count is the Counter base value, not the current value.
Bits [7:6] of the command words are not used.
Index BBh
RTC Index Shadow Register (RO)
Reset Value: xxh
7:0
RTC Index Shadow. The RTC Shadow register contains the last written value of the RTC Index register (I/O Port 070h).
Index BCh
Clock Stop Control Register (R/W)
Reset Value: 00h
7:4
PLL Delay. The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the internal
SUSP# signal is deasserted to the GX1 module. This delay is designed to allow the clock chip and CPU PLL to stabilize
before starting execution. This delay is only invoked if the STP_CLK bit was set.
The 4-bit field allows values from 0 to 15 msec.
0000: 0 msec
0100: 4 msec
1000: 8 msec
1100: 12 msec
0001: 1 msec
0101: 5 msec
1001: 9 msec
1101: 13 msec
0010: 2 msec
0110: 6 msec
1010: 10 msec
1110: 14 msec
0011: 3 msec
0111: 7 msec
1011: 11 msec
1111: 15 msec
3:1
Reserved. Set to 0.
0
CPU Clock Stop.
0: Normal internal SUSP#/SUSPA# handshake.
1: Full system Suspend.
Note:
This register configures the Core Logic module to support a 3V Suspend mode. Setting bit 0 causes the SUSP_3V signal to
assert after the appropriate conditions, stopping the system clocks. A delay of 0-15 msec is programmable (bits [7:4]) to allow
for a delay for the clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command register (F0 Index AEh) with bit 0 written as:
0: Internal SUSP#/SUSPA# handshake occurs. The GX1 module is put into a low-power state, and the system clocks are not
stopped. When a break/resume event occurs, it releases the CPU halt condition.
1: Internal SUSP#/SUSPA# handshake occurs and the SUSP_3V signal is asserted, thus invoking a full system Suspend (both
GX1 module and system clocks are stopped). When a break event occurs, the SUSP_3V signal is deasserted, the PLL delay
programmed in bits [7:4] are invoked which allows the clock chip and GX1 module PLL to stabilize before deasserting the inter-
nal SUSP# signal.
Index BDh-BFh
Reserved
Reset Value: 00h
Index C0h-C3h
User Defined Device 1 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 1 Base Address. This 32-bit register supports power management (Trap and Idle timer resources) for
a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CCh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless it actually claims the cycle. Therefore, Traps
and Idle timers cannot support power management of devices on the Fast-PCI bus.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com