Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 10Page - National Semiconductor (TI) SC2200 Datasheet HTML 11Page - National Semiconductor (TI) SC2200 Datasheet HTML 12Page - National Semiconductor (TI) SC2200 Datasheet HTML 13Page - National Semiconductor (TI) SC2200 Datasheet HTML 14Page - National Semiconductor (TI) SC2200 Datasheet HTML 15Page - National Semiconductor (TI) SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) SC2200 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 433 page
background image
www.national.com
14
Revision 3.0
Architecture Overview (Continued)
6:4
SODIMM_PG_SZ (SODIMM Page Size - Banks 0 and 1). Selects the page size of SODIMM:
000: 1 KB
010: 4 KB
1xx: 16 KB
001: 2 KB
011: 8 KB
111: SODIMM not installed
Both banks 0 and 1 must have the same page size.
3:0
RSVD (Reserved). Write as 0.
GX_BASE+840Ch-840Fh
MC_SYNC_TIM1 (R/W)
Reset Value: 2A733225h
31
RSVD (Reserved). Write as 0.
30:28
LTMODE (CAS Latency). CAS latency is the delay, in SDRAM clock cycles, between the registration of a read command
and the availability of the first piece of output data. This parameter significantly affects system performance. Optimal setting
should be used. If an SODIMM is used, BIOS can interrogate EEPROM across the ACCESS.bus interface to determine this
value:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: Reserved
011: 3 CLK
101: 5 CLK
111: 7 CLK
This field will not take effect until SDRAMPRG (bit 0 of MC_MEM_CNTRL1) transitions from 0 to 1.
27:24
RC (RFSH to RFSH/ACT Command Period, tRC). Minimum number of SDRAM clock between RFSH and RFSH/ACT
commands:
0000: Reserved
0100: 5 CLK
1000: 9 CLK
1100: 13 CLK
0001: 2 CLK
0101: 6 CLK
1001: 10 CLK
1101: 14 CLK
0010: 3 CLK
0110: 7 CLK
1010: 11 CLK
1110: 15 CLK
0011: 4 CLK
0111: 8 CLK
1011: 12 CLK
1111: 16 CLK
23:20
RAS (ACT to PRE Command Period, tRAS). Minimum number of SDRAM clocks between ACT and PRE commands:
0000: Reserved
0100: 5 CLK
1000: 9 CLK
1100: 13 CLK
0001: 2 CLK
0101: 6 CLK
1001: 10 CLK
1101: 14 CLK
0010: 3 CLK
0110: 7 CLK
1010: 11 CLK
1110: 15 CLK
0011: 4 CLK
0111: 8 CLK
1011: 12 CLK
1111: 16 CLK
19
RSVD (Reserved). Write as 0.
18:16
RP (PRE to ACT Command Period, tRP). Minimum number of SDRAM clocks between PRE and ACT commands:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
15
RSVD (Reserved). Write as 0.
14:12
RCD (Delay Time ACT to READ/WRT Command, tRCD). Minimum number of SDRAM clock between ACT and
READ/WRT commands. This parameter significantly affects system performance. Optimal setting should be used:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
11
RSVD (Reserved). Write as 0.
10:8
RRD (ACT(0) to ACT(1) Command Period, tRRD). Minimum number of SDRAM clocks between ACT and ACT command
to two different component banks within the same module bank. The memory controller does not perform back-to-back Acti-
vate commands to two different component banks without a READ or WRITE command between them. Hence, this field
should be written as 001.
7
RSVD (Reserved). Write as 0.
6:4
DPL(Data-intoPRE command period, tDPL). Minimum number of SDRAM clocks from the time the last write datum is
sampled till the bank is precharged:
000: Reserved
010: 2 CLK
100: 4 CLK
110: 6 CLK
001: 1 CLK
011: 3 CLK
101: 5 CLK
111: 7 CLK
3:0
RSVD (Reserved). Leave unchanged. Always returns a 101h.
Note:
Refer to the SDRAM manufacturer’s specification for more information on component banks.
Table 1-2. SC2200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com