Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 14Page - National Semiconductor (TI) SC2200 Datasheet HTML 15Page - National Semiconductor (TI) SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) SC2200 Datasheet HTML 18Page - National Semiconductor (TI) SC2200 Datasheet HTML 19Page - National Semiconductor (TI) SC2200 Datasheet HTML 20Page - National Semiconductor (TI) SC2200 Datasheet HTML 21Page - National Semiconductor (TI) SC2200 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 433 page
background image
www.national.com
18
Revision 3.0
2.0
Signal Definitions
This section defines the signals and describes the external
interface of the SC2200. Figure 2-1 shows the signals
organized by their functional groups. Where signals are
multiplexed, the default signal name is listed first and is
separated by a plus sign (+). A slash (/) in a signal name
means that the function is always enabled and available
(i.e., cycle multiplexed).
The remaining subsections of this chapter describe:
• Section 2.1 "Ball Assignments": Provides a ball assign-
ment diagram and tables listing the signals sorted
according to ball number and alphabetically by signal
name.
• Section 2.2 "Strap Options": Several balls are read at
power-up that set up the state of the SC2200. This
section provides details regarding those balls.
• Section 2.3 "Multiplexing Configuration": Lists multi-
plexing options and their configurations.
• Section 2.4 "Signal Descriptions": Detailed descriptions
of each signal according to functional group.
Figure 2-1. Signal Groups
System
POR#
X32I
X27I
MD[63:0]
MA[12:0]
BA[1:0]
CS[1:0]#
RASA#
CASA#
WEA#
DQM[7:0]
CKEA
SDCLK[3:0]
SDCLK_IN
SDCLK_OUT
ACCESS.bus
AB1C+GPIO20+DOCCS#
AB1D+GPIO1+IOCS1#
GPIO12+AB2C
GPIO13+AB2D
CRT
HSYNC
VSYNC
VREF
SETRES
RED, GREEN, BLUE
PCIRST#
ACK#+TFTDE
AFD#/DSTRB#+TFTD2
BUSY/WAIT#+TFTD3
ERR#+TFTD4
INIT#+TFTD5
PD[5:0]+TFTD[11:6]
PE+TFTD14
SLCT+TFTD15
SLIN#/ASTRB#+TFTD16
STB#/WRITE#+TFTD17
Parallel Port/
IDE_ADDR2+TFTD4
IDE_DATA15+TFTD7
IDE_IOR0#+TFTD10
IDE_IOW0#+TFTD9
IDE_CS0#+TFTD5
IDE_IORDY0+TFTD11
IDE_DREQ0+TFTD8
IDE_DACK0#+TFTD0
IRQ14+TFTD1
IDE/TFT
IDE_CS1#+TFTDE
IDE_DATA12+TFTD13
IDE_DATA10+DDC_SCL
IDE_DATA14+TFTD17
IDE_DATA13+TFTD15
IDE_DATA11+GPIO41
IDE_DATA9+DDC_SDA
IDE_DATA8+GPIO40
IDE_DATA7+INTD#
IDE_DATA6+IRQ9
IDE_DATA5+CLK27M
IDE_DATA4+FP_VDD_ON
IDE_DATA3+TFTD12
IDE_DATA2+TFTD14
IDE_DATA1+TFTD16
IDE_DATA0+TFTD6
IDE_ADDR1+TFTD2
IDE_ADDR0+TFTD3
IDE_RST#+TFTDCK
PD6+TFTD1
PD7+TFTD13
X32O
X27O
Memory
Interface
Interface
Interface
TFT Interface
Interface
Interface
VPD[7:0]
VPCKIN
Video Port
Interface
Geode™
SC2200
BOOT16+ROMCS#
LPC_ROM+PCICLK1
TFT_PRSNT+SDATA_OUT
FPCI_MON+PCICLK0
DID0+GNT0#, DID1+GNT1#
Straps
Note:
Straps are not the default signal, shown with system signals for reader convenience. However, also listed in figure with the
appropriate functional group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com