Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  SC2200 Datasheet HTML 1Page - National Semiconductor (TI) SC2200 Datasheet HTML 2Page - National Semiconductor (TI) SC2200 Datasheet HTML 3Page - National Semiconductor (TI) SC2200 Datasheet HTML 4Page - National Semiconductor (TI) SC2200 Datasheet HTML 5Page - National Semiconductor (TI) SC2200 Datasheet HTML 6Page - National Semiconductor (TI) SC2200 Datasheet HTML 7Page - National Semiconductor (TI) SC2200 Datasheet HTML 8Page - National Semiconductor (TI) SC2200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 433 page
background image
www.national.com
2
Revision 3.0
Features
General Features
s 32-Bit x86processor, upto300 MHz, with MMX
instruction set support
s Memory controller with 64-bit SDRAM interface
s 2D graphics accelerator
s CRT controller with hardware video accelerator
s CCIR-656 video input port with direct video for full
screen display
s PC/AT functionality
s PCI bus controller
s IDE interface, two channels
s USB, three ports, OHCI (OpenHost Controller Interface)
version 1.0 compliant
s Audio, AC97/AMC97 version 2.0 compliant
s Virtual System Architecture® (VSA™) technology
support
s Power management, ACPI (Advanced Configuration
Power Interface) version 1.0 compliant
s Package:
— 432-Terminal EBGA (Enhanced Ball Grid Array)
— 481-Terminal TEPBGA (Thermally Enhanced Plastic
Ball Grid Array)
GX1 Processor Module
s CPU Core:
— 32-Bit x86, 300 MHz, with MMX compatible instruc-
tion set support
— 16 KB unified L1 cache
— Integrated Floating Point Unit (FPU)
— Re-entrant SMM (System Management Mode)
enhanced for VSA
s 2D Graphics Accelerator:
— Accelerates BitBLTs, line draw and text
— Supports all 256 raster operations
— Supports transparent BLTs
— Runs at core clock frequency
s Memory Controller:
— 64-Bit SDRAM interface
— 66 MHz to 100 MHz frequency range
— Direct interface with CPU/cache, display controller
and 2D graphic accelerator
— Supports clock suspend and power-down/self-
refresh
— Up to two banks of SDRAM (8 devices total) or one
SODIMM
s Display Controller:
— Hardware graphics frame buffer compress/decom-
press
— Hardware cursor, 32x32 pixels
Video Processor Module
s Video Accelerator:
— Flexible video scaling support of up to 8x
(horizontally and vertically)
— Bilinear interpolation filters (with two taps, and eight
phases) to smooth output video
s Video/Graphics Mixer:
— 8-bit value alpha blending
— Three blending windows with constant alpha value
— Color key
s Video Input Port (VIP):
— Video capture or display
— CCIR-656 format
— Lock display timing to video input timing (GenLock)
— Able to transfer video data into main memory
— Direct video transfer for full screen display
— Separate memory location for VBI
s CRT Interface:
— Uses three 8-bit DACs
— Support up to 135 MHz
— 1280x1024 non-interlaced CRT @ 8 bpp, up to 75 Hz
— 1024x768 non-interlaced CRT @ 16 bpp, up to 85 Hz
s TFT Interface:
— Direct connection to TFT panels
— 800x600 non-interlaced TFT @ 16 bpp graphics,
up to 75 Hz
— 1024x768 non-interlaced TFT @ 16 bpp graphics,
up to 75 Hz
— Connects to Geode CS9211 companion for DSTN
panel support
— TFT on IDE: FPCLK max is 40 MHz
— TFT on Parallel Port: FPCLK max is 80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com