Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 75Page - National Semiconductor (TI) SC2200 Datasheet HTML 76Page - National Semiconductor (TI) SC2200 Datasheet HTML 77Page - National Semiconductor (TI) SC2200 Datasheet HTML 78Page - National Semiconductor (TI) SC2200 Datasheet HTML 79Page - National Semiconductor (TI) SC2200 Datasheet HTML 80Page - National Semiconductor (TI) SC2200 Datasheet HTML 81Page - National Semiconductor (TI) SC2200 Datasheet HTML 82Page - National Semiconductor (TI) SC2200 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 433 page
background image
Revision 3.0
79
www.national.com
Signal Definitions (Continued)
2.4.20 Power, Ground and No Connections1
1.
All power sources must be connected, even if the function is not used
Signal Name
Ball No.
Type
Description
EBGA
TEPBGA
AVSSPLL2
R3
C16
GND
PLL2 Analog Ground Connection.
AVSSPLL3
E28
AK3
GND
PLL3 Analog Ground Connection.
VPLL2
R1
A17
PWR
3.3V PLL2 Analog Power Connection. Low noise
power for PLL2 and PLL5.
VPLL3
C31
AJ4
PWR
3.3V PLL3 Analog Power Connection. Low noise
power for PLL3, PLL4, and PLL6.
AVCCUSB
AF4
D27
PWR
3.3V Analog USB Power Connection. Low noise
power.
AVSSUSB
AG1
C27
GND
Analog USB Ground Connection.
AVCCCRT
L3, M1, N1
A12, C13, D15
PWR
3.3V Analog CRT DAC Power Connections. Low
noise power.
AVSSCRT
L1, N3, P3
B14, C14, C15
GND
Analog CRT DAC Ground Connections.Return
current.
VCCCRT
K3
D12
PWR
1.8V / 2.0V CRT DAC Digital Power Connection. Can
be directly connected to VCORE on PCB (printed circuit
board).
VSSCRT
K2
C12
GND
CRT DAC Digital Ground Connection. Can be
directly connected to VSS on PCB.
VBAT
D30
AL3
PWR
Battery. Provides battery back-up to the RTC and
ACPI registers, when VSB is lower than the minimum
value (see Table 8-2 on page 358). The ball is con-
nected to the internal logic through a series resistor for
UL protection.
VSB
F29
AL5
PWR
3.3V Standby Power Supply. Provides power to the
Real-Time Clock (RTC) and ACPI circuitry while the
main power supply is turned off.
VSBL
H28
AL6
PWR
1.8V / 2.0V Standby Power Supply. Provides power to
the internal logic while the main power supply is turned
off. This signal requires a 0.1
µF bypass capacitor to
VSS. This supply must be present when VSB is present.
VCORE
See Table 2-3
on page 32.
(Total of 25)
See Table 2-5
on page 47.
(Total of 28)
PWR
1.8V / 2.0V Core Processor Power Connections.
VIO
See Table 2-3
on page 32.
(Total of 32)
See Table 2-5
on page 47.
(Total of 43)
PWR
3.3V I/O Power Connections.
VSS
See Table 2-3
on page 32.
(Total of 57)
See Table 2-5
on page 47.
(Total of 92)
GND
Ground Connections.
NC
See Table 2-3
on page 32.
(Total of 8)
See Table 2-5
on page 47.
(Total of 8)
---
No Connections. These lines should be left discon-
nected. Connecting a pull-up/-down resistor or to an
active signal could cause unexpected results and pos-
sible malfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com