Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) SC2200 Datasheet HTML 18Page - National Semiconductor (TI) SC2200 Datasheet HTML 19Page - National Semiconductor (TI) SC2200 Datasheet HTML 20Page - National Semiconductor (TI) SC2200 Datasheet HTML 21Page - National Semiconductor (TI) SC2200 Datasheet HTML 22Page - National Semiconductor (TI) SC2200 Datasheet HTML 23Page - National Semiconductor (TI) SC2200 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 433 page
background image
www.national.com
20
Revision 3.0
Signal Definitions (Continued)
2.1
BALL ASSIGNMENTS
The SC2200 is highly configurable as illustrated in Figure
2-1 on page 18. Strap options and register programming
are used to set various modes of operation and specific
signals on specific balls. This section describes which sig-
nals are available on which balls and provides configuration
information:
• Figure 2-2 on page 21 and Figure 2-3 on page 36: Illus-
trations of EBGA and TEPBGA ball assignments.
• Table 2-2 on page 22 and Table 2-4 on page 37: Lists
signals according to ball number. Power Rail, Signal
Type, Buffer Type and, where relevant, Pull-Up or Pull-
Down resistors are indicated for each ball in this table.
For multiplexed balls, the necessary configuration for
each signal is listed as well.
• Table 2-3 on page 32 and Table 2-5 on page 47: Quick
reference signal list sorted alphabetically - listing all
signal names and ball numbers.The tables in this
chapter use several common abbreviations. Table 2-1
lists the mnemonics and their meanings
Notes:
1)
For each GPIO signal, there is an optional pull-up
resistor on the relevant ball. After system reset, the
pull-up is present.
This pull-up resistor can be disabled via registers in the
Core Logic module. The configuration is without regard to
the selected ball function (except for GPIO12, GPIO13,
and GPIO16). Alternate functions for GPIO12, GPIO13,
and GPIO16 control pull-up resistors.
For more information, see Section 5.4.1 "Bridge,
GPIO, and LPC Registers - Function 0" on page 199.
2)
Configuration settings listed in this table are with
regard to the Pin Multiplexing Register (PMR). See
Section 3.2 "Multiplexing, Interrupt Selection, and
Base Address Registers" on page 81 for a detailed
description of this register.
Table 2-1. Signal Definitions Legend
Mnemonic
Definition
AAnalog
AVSS
Ground ball: Analog
AVCC
Power ball: Analog
GCB
General Configuration Block registers.
Refer to Section 3.0 "General Configura-
tion Block" on page 80.
Location of the General Configuration
Block cannot be determined by soft-
ware. See
SC2200 Thin Client On a
Chip device errata.
I
Input ball
I/O
Bidirectional ball
MCR[x]
Miscellaneous Configuration Register
Bit x: A register, located in the GCB.
Refer to Section 3.1 "Configuration
Block Addresses" on page 80 for further
details.
O
Output ball
OD
Open-drain
PD
Pull-down
PMR[x]
Pin Multiplexing Register Bit x: A regis-
ter, located in the GCB, used to config-
ure balls with multiple functions. Refer to
Section 3.1 "Configuration Block
Addresses" on page 80 for further
details.
PU
Pull-up
TS
TRI-STATE
VCORE
Power ball: 1.2V
VIO
Power ball: 3.3V
VSS
Ground ball
#
The # symbol in a signal name indicates
that the active or asserted state occurs
when the signal is at a low voltage level.
Otherwise, the signal is asserted when
at a high voltage level.
/
A / in a signal name indicates both func-
tions are always enabled (i.e., cycle mul-
tiplexed).
+
A + in signal name indicates the function
is available on the ball, but that either
strapping options or register program-
ming is required to select the desired
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com