Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 76Page - National Semiconductor (TI) SC2200 Datasheet HTML 77Page - National Semiconductor (TI) SC2200 Datasheet HTML 78Page - National Semiconductor (TI) SC2200 Datasheet HTML 79Page - National Semiconductor (TI) SC2200 Datasheet HTML 80Page - National Semiconductor (TI) SC2200 Datasheet HTML 81Page - National Semiconductor (TI) SC2200 Datasheet HTML 82Page - National Semiconductor (TI) SC2200 Datasheet HTML 83Page - National Semiconductor (TI) SC2200 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 433 page
background image
www.national.com
80
Revision 3.0
3.0
General Configuration Block
The General Configuration block includes registers for:
• Pin Multiplexing and Miscellaneous Configuration
• WATCHDOG Timer
• High-Resolution Timer
• Clock Generators
A selectable interrupt is shared by all these functions.
3.1
CONFIGURATION BLOCK ADDRESSES
Registers of the General Configuration block are I/O
mapped in a 64-byte address range. These registers are
physically connected to the internal Fast-PCI bus, but do
not have a register block in PCI configuration space (i.e.,
they do not appear to software as PCI registers).
After system reset, the Base Address register is located at
I/O address 02EAh. This address can be used only once.
Before accessing any PCI registers, the BOOT code must
program this 16-bit register to the I/O base address for the
General Configuration block registers. All subsequent
writes to this address, are ignored until system reset.
Note:
Location of the General Configuration Block can-
not be determined by software. See the
SC2200
Thin Client On a Chip device errata document.
Reserved bits in the General Configuration block should
read as written unless otherwise specified..
Table 3-1. General Configuration Block Register Summary
Offset
Width
(Bits)
Type
Name
Reset Value
Reference
00h-01h
16
R/W
WDTO. WATCHDOG Timeout
0000h
Page 89
02h-03h
16
R/W
WDCNFG. WATCHDOG Configuration
0000h
Page 89
04h
8
R/WC
WDSTS. WATCHDOG Status
00h
Page 90
05h-07h
---
---
RSVD. Reserved
---
---
08h-0Bh
32
RO
TMVALUE. TIMER Value
xxxxxxxxh
Page 92
0Ch
8
R/W
TMSTS. TIMER Status
00h
Page 92
0Dh
8
R/W
TMCNFG. TIMER Configuration
00h
Page 92
0Eh-0Fh
---
---
RSVD. Reserved
---
---
10h
8
RO
MCCM. Maximum Core Clock Multiplier
Strapped Value
Page 96
11h
---
---
RSVD. Reserved
---
---
12h
8
R/W
PPCR. PLL Power Control
2Fh
Page 96
13h-17h
---
---
RSVD. Reserved
---
---
18h-1Bh
32
R/W
PLL3C. PLL3 Configuration
E1040005h
Page 97
1Ch-1Dh
---
---
RSVD. Reserved
---
---
1Eh-1Fh
16
R/W
CCFC. Core Clock Frequency Control
Strapped Value
Page 97
20h-2Fh
---
---
RSVD. Reserved
---
---
30h-33h
32
R/W
PMR. Pin Multiplexing Register
00000000h
Page 81
34h-37h
32
R/W
MCR. Miscellaneous Configuration Register
00000001h
Page 85
38h
8
R/W
INTSEL. Interrupt Selection
00h
Page 87
39h-3Bh
---
---
RSVD. Reserved
---
---
3Ch
8
RO
IID. IA On a Chip ID
xxh
Page 87
3Dh
8
RO
REV. Revision
xxh
Page 87
3Eh-3Fh
16
RO
CBA. Configuration Base Address
xxxxh
Page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com