Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 9Page - National Semiconductor (TI) SC2200 Datasheet HTML 10Page - National Semiconductor (TI) SC2200 Datasheet HTML 11Page - National Semiconductor (TI) SC2200 Datasheet HTML 12Page - National Semiconductor (TI) SC2200 Datasheet HTML 13Page - National Semiconductor (TI) SC2200 Datasheet HTML 14Page - National Semiconductor (TI) SC2200 Datasheet HTML 15Page - National Semiconductor (TI) SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 433 page
background image
Revision 3.0
13
www.national.com
Architecture Overview (Continued)
GX_BASE+8404h-8407h
MC_MEM_CNTRL2 (R/W)
Reset Value: 00000801h
31:14
RSVD (Reserved). Write as 0.
13:12
SDCLKCTL (SDCLK High Drive/Slew Control). Controls the high drive and slew rate of SDCLK[3:0] and SDCLK_OUT.
11 is strongest, 00 is weakest.
11
RSVD (Reserved). Write as 0.
10
SDCLKOMSK# (Enable SDCLK_OUT). Turns on the output.
0: Enable.
1: Disable.
9
SDCLK3MSK# (Enable SDCLK3). Turns on the output.
0: Enable.
1: Disable.
8
SDCLK2MSK# (Enable SDCLK2). Turns on the output.
0: Enable.
1: Disable.
7
SDCLK1MSK# (Enable SDCLK1). Turns on the output. 0
0: Enable.
1: Disable.
6
SDCLK0MSK# (Enable SDCLK0). Turns on the output.
0: Enable.
1: Disable.
5:3
SHFTSDCLK (Shift SDCLK). This function allows shifting SDCLK to meet SDRAM setup and hold time requirements. The
shift function will not take effect until the SDCLKSTRT bit (bit 17 of MC_MEM_CNTRL1) transitions from 0 to 1:
000: No shift
100: Shift 2 core clocks
001: Shift 0.5 core clock
101: Shift 2.5 core clocks
010: Shift 1 core clock
110: Shift 3 core clocks
011: Shift 1.5 core clock
111: Reserved
2
RSVD (Reserved). Write as 0.
1
RD (Read Data Phase). Selects if read data is latched one or two core clock after the rising edge of SDCLK.
0: 1 Core clock.
1: 2 Core clocks.
0
FSTRDMSK (Fast Read Mask). Do not allow core reads to bypass the request FIFO.
0: Disable.
1: Enable.
GX_BASE+8408h-840Bh
MC_BANK_CFG (R/W)
Reset Value: 41104110h
31:16
RSVD (Reserved). Write as 0070h
15
RSVD (Reserved). Write as 0.
14
SODIMM_MOD_BNK (SODIMM Module Banks - Banks 0 and 1). Selects number of module banks installed per SODIMM
for SODIMM:
0: 1 Module bank (Bank 0 only)
1: 2 Module banks (Bank 0 and 1)
13
RSVD (Reserved). Write as 0.
12
SODIMM_COMP_BNK (SODIMM Component Banks - Banks 0 and 1). Selects the number of component banks per
module bank for SODIMM:
0: 2 Component banks
1: 4 Component banks
Banks 0 and 1 must have the same number of component banks.
11
RSVD (Reserved). Write as 0.
10:8
SODIMM_SZ (SODIMM Size - Banks 0 and 1). Selects the size of SODIMM:
000: 4 MB
010: 16 MB
100: 64 MB
110: 256 MB
001: 8 MB
011: 32 MB
101: 128 MB
111: 512 MB
This size is the total of both banks 0 and 1. Also, banks 0 and 1 must be the same size.
7
RSVD (Reserved). Write as 0.
Table 1-2. SC2200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com