Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 67Page - National Semiconductor (TI) SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) SC2200 Datasheet HTML 70Page - National Semiconductor (TI) SC2200 Datasheet HTML 71Page - National Semiconductor (TI) SC2200 Datasheet HTML 72Page - National Semiconductor (TI) SC2200 Datasheet HTML 73Page - National Semiconductor (TI) SC2200 Datasheet HTML 74Page - National Semiconductor (TI) SC2200 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 433 page
background image
Revision 3.0
71
www.national.com
Signal Definitions (Continued)
2.4.12 Parallel Port Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
ACK#
U3
B18
I
Acknowledge. Pulsed low by the printer to
indicate that it has received data from the Par-
allel Port.
TFTDE+FPCICLK
AFD#/DSTRB#
AB2
D22
O
Automatic Feed. When low, instructs the
printer to automatically feed a line after print-
ing each line. This signal is in TRI-STATE
after a 0 is loaded into the corresponding
control register bit. An external 4.7 K
Ω pull-
up resistor should be attached to this ball.
Data Strobe (EPP). Active low, used in EPP
mode to denote a data cycle. When the cycle
is aborted, DSTRB# becomes inactive (high).
TFTD2+INTR_O
BUSY/WAIT#
T1
B17
I
Busy. Set high by the printer when it cannot
accept another character.
Wait. In EPP mode, the Parallel Port device
uses this active low signal to extend its
access cycle.
TFTD3+F_C/BE1#
ERR#
AA3
D21
I
Error. Set active low by the printer when it
detects an error.
TFTD4+F_C/BE0#
INIT#
Y3
B21
O
Initialize. When low, initializes the printer.
This signal is in TRI-STATE after a 1 is
loaded into the corresponding control register
bit. Use an external 4.7 K
Ω pull-up resistor.
TFTD5+SMI_O
PD7
U1
A18
I/O
Parallel Port Data. Transfer data to and from
the peripheral data bus and the appropriate
Parallel Port data register. These signals
have a high current drive capability.
TFTD13+F_AD7
PD6
V3
A20
TFTD1+F_AD6
PD5
V2
C19
TFTD11+F_AD5
PD4
V1
C18
TFTD10+F_AD4
PD3
W2
C20
TFTD9+F_AD3
PD2
W3
D20
TFTD8+F_AD2
PD1
Y1
A21
TFTD7+F_AD1
PD0
AA1
C21
TFTD6+F_AD0
PE
T3
D17
I
Paper End. Set high by the printer when it is
out of paper.
This ball has an internal weak pull-up or pull-
down resistor that is programmed by soft-
ware.
TFTD14+F_C/BE2#
SLCT
T4
C17
I
Select. Set active high by the printer when
the printer is selected.
TFTD15+F_C/BE3#
SLIN#/ASTRB#
W1
B20
O
Select Input. When low, selects the printer.
This signal is in TRI-STATE after a 0 is
loaded into the corresponding control register
bit. Uses an external 4.7 K
Ω pull-up resistor.
Address Strobe (EPP). Active low, used in
EPP mode to denote an address or data
cycle. When the cycle is aborted, ASTRB#
becomes inactive (high).
TFTD16+
F_IRDY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com