Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 12Page - National Semiconductor (TI) SC2200 Datasheet HTML 13Page - National Semiconductor (TI) SC2200 Datasheet HTML 14Page - National Semiconductor (TI) SC2200 Datasheet HTML 15Page - National Semiconductor (TI) SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) SC2200 Datasheet HTML 18Page - National Semiconductor (TI) SC2200 Datasheet HTML 19Page - National Semiconductor (TI) SC2200 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 433 page
background image
www.national.com
16
Revision 3.0
Architecture Overview (Continued)
1.1.2
Fast-PCI Bus
The GX1 module communicates with the Core Logic mod-
uleviaaFast-PCI bus that canworkatup to66 MHz.The
Fast-PCI bus is internal for the SC2200 and is connected to
the General Configuration Block.
This bus supports seven bus masters. The requests
(REQs) are fixed in priority. The seven bus masters in
order of priority are:
1)
VIP
2)
IDE Channel 0
3)
IDE Channel 1
4)
Audio
5)
USB
6)
External REQ0#
7)
External REQ1#
1.1.3
Display
The GX1 module generates display timing, and controls
internal signals CRT_VSYNC and CRT_HSYNC of the
Video Processor module.
The GX1 module interfaces with the Video Processor via a
video data bus and a graphics data bus.
•Video data. The GX1 module uses the core clock,
divided by 2 or 4 (typically 100 - 133 MHz). It drives the
video data using this clock. Internal signals VID_VAL
and VID_RDY are used as data-flow handshake signals
between the GX1 module and the Video Processor.
•Graphics data. The GX1 module uses internal signal
DCLK, supplied by the PLL of the Video Processor, to
drive the 18-bit graphics-data bus of the Video
Processor. Each six bits of this bus define a different
color. Each of these six-bit color definitions is expanded
(by adding two zero LSB lines) to form an eight-bit bus,
at the Video Processor.
For more information about the GX1 module’s interface to
the Video Processor, see the "Display Controller" chapter
in the
GX1 Processor Series datasheet.
1.2
VIDEO PROCESSOR MODULE
The Video Processor provides high resolution and graphics
for a CRT or TFT/DSTN interface. The following para-
graphs provide a summary of how this Video Processor
interfaces with the other modules of the SC2200. For
detailed information about the Video Processor, see Sec-
tion 6.0 "Video Processor Module" on page 315.
1.2.1
GX1 Module Interface
The Video Processor is connected to the GX1 module in
the following way:
• The Video Processor DOTCLK output signal is used as
the GX1 module’s DCLK input signal.
• The GX1 module’s PCLK output signal is used as the
GFXCLK input signal of the Video Processor.
1.2.2
Video Input Port
The Video Input Port (VIP) within the Video Processor con-
tains a standard interface that is typically connected to a
media processor or TV encoder. The clock is supplied by
the externally connected device; typically at 27 MHz.
Video input can be sent to the GX1 module’s video frame
buffer (Capture Video mode) or can be used directly (Direct
Video mode).
1.2.3
Core Logic Module Interface
The Video Processor interfaces to the Core Logic module
for accessing PCI function configuration registers.
1.2.4
CRT DAC
The Video Processor drives three CRT DACs with up to
135M pixels per second.
The interface for these DACs can be monitored via exter-
nal balls of the SC2200. For more information, see Section
2.4.4 "CRT/TFT Interface Signals" on page 59.
1.3
CORE LOGIC MODULE
The Core Logic module is described in detail in Section 5.0
"Core Logic Module" on page 150.
The Core Logic module is connected to the Fast-PCI bus. It
uses signal AD28 as the IDSEL for all PCI configuration
functions except for USB which uses AD29.
1.3.1
Other Interfaces of the Core Logic Module
All the following interfaces of the Core Logic module are
implemented via external balls of the SC2200. Each inter-
face is listed below with a reference to the descriptions of
the relevant balls.
• IDE: See Section 2.4.9 "IDE Interface Signals" on page
68.
• AC97: See Section 2.4.14 "AC97 Audio Interface
Signals" on page 73.
• PCI: See Section 2.4.6 "PCI Bus Interface Signals" on
page 61.
• USB: See Section 2.4.10 "Universal Serial Bus (USB)
Interface Signals" on page 69. The USB function uses
signal AD29 as the IDSEL for PCI configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com