Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 65Page - National Semiconductor (TI) SC2200 Datasheet HTML 66Page - National Semiconductor (TI) SC2200 Datasheet HTML 67Page - National Semiconductor (TI) SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) SC2200 Datasheet HTML 70Page - National Semiconductor (TI) SC2200 Datasheet HTML 71Page - National Semiconductor (TI) SC2200 Datasheet HTML 72Page - National Semiconductor (TI) SC2200 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 433 page
background image
Revision 3.0
69
www.national.com
Signal Definitions (Continued)
IRQ14
D25
AF1
I
Interrupt Request Channels 0 and 1.
These input signals are edge-sensitive inter-
rupts that indicate when the IDE device is
requesting a CPU interrupt service.
Note:
If selected as IRQ14/IRQ15 function
but not used, tie IRQ14/IRQ15 low.
TFTD1
IRQ15
H30
AJ8
I
GPIO11+RI2#
2.4.10 Universal Serial Bus (USB) Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
POWER_EN
B28
AH1
O
Power Enable. This signal enables the
power to a self-powered USB hub.
---
OVER_CUR#
C27
AF4
I
Overcurrent. This signal indicates that the
USB hub has detected an overcurrent on the
USB.
---
DPOS_PORT1
AH2
A28
I/O
USB Port 1 Data Positive for Port 1.
---
DNEG_PORT1
AG3
A29
I/O
USB Port 1 Data Negative for port 1.
---
DPOS_PORT2
AH1
B27
I/O
USB Port 2 Data Positive for Port 2.
---
DNEG_PORT2
AG2
B28
I/O
USB Port 2 Data Negative for Port 2.
---
DPOS_PORT3
AE4
A26
I/O
USB Port 3 Data Positive for Port 3.
---
DNEG_PORT3
AF3
A27
I/O
USB Port 3 Data Negative for Port 3.
---
2.4.9
IDE Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com