Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 63Page - National Semiconductor (TI) SC2200 Datasheet HTML 64Page - National Semiconductor (TI) SC2200 Datasheet HTML 65Page - National Semiconductor (TI) SC2200 Datasheet HTML 66Page - National Semiconductor (TI) SC2200 Datasheet HTML 67Page - National Semiconductor (TI) SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) SC2200 Datasheet HTML 70Page - National Semiconductor (TI) SC2200 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 433 page
background image
Revision 3.0
67
www.national.com
Signal Definitions (Continued)
IRQ9
C22
AA3
I
Interrupt 9 Request Input. Active high.
Note:
If IRQ9 function is selected but not
used, tie IRQ9 low.
IDE_DATA6
IOCHRDY
H4
C9
I
I/O Channel Ready
Note:
If IOCHRDY function is selected but
not used, tie IOCHRDY high.
GPIO19+INTC#
2.4.8
Low Pin Count (LPC) Bus Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
LAD3
AJ10
L29
I/O
LPC Address-Data. Multiplexed command,
address, bidirectional data, and cycle status.
GPIO35
LAD2
AK10
L30
GPIO34
LAD1
AL10
L31
GPIO33
LAD0
AJ11
M28
GPIO32
LDRQ#
AL9
L28
I
LPC DMA Request. Encoded DMA request
for LPC interface.
Note:
If LDRQ# function is selected but not
used, tie LDRQ# high.
GPIO36
LFRAME#
AK9
K31
O
LPC Frame. A low pulse indicates the begin-
ning of a new LPC cycle or termination of a
broken cycle.
GPIO37
LPCPD#
AJ9
K28
O
LPC Power-Down. Signals the LPC device
to prepare for power shut-down on the LPC
interface.
GPIO38/IRRX2
SERIRQ
AL8
J31
I/O
Serial IRQ. The interrupt requests are serial-
ized over a single signal, where each IRQ
level is delivered during a designated time
slot.
Note:
If SERIRQ function is selected but
not used, tie SERIRQ high.
GPIO39
2.4.7
Sub-ISA Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com