Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) SC2200 Datasheet HTML 61Page - National Semiconductor (TI) SC2200 Datasheet HTML 62Page - National Semiconductor (TI) SC2200 Datasheet HTML 63Page - National Semiconductor (TI) SC2200 Datasheet HTML 64Page - National Semiconductor (TI) SC2200 Datasheet HTML 65Page - National Semiconductor (TI) SC2200 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 433 page
background image
www.national.com
62
Revision 3.0
Signal Definitions (Continued)
INTA#
AE3
D26
I
PCI Interrupts. The SC2200 provides inputs
for the optional “level-sensitive” PCI inter-
rupts (also known in industry terms as
PIRQx#). These interrupts can be mapped to
IRQs of the internal 8259A interrupt control-
lers using PCI Interrupt Steering Registers 1
and 2 (F0 Index 5Ch and 5Dh).
Note:
If selected as INTC# or INTD# func-
tion(s) but not used, tie INTC# and
INTD# high.
---
INTB#
AF1
C26
---
INTC#
H4
C9
GPIO19+IOCHRDY
INTD#
B22
AA2
IDE_DATA7
PAR
C10
J4
I/O
Parity. Parity generation is required by all
PCI agents. The master drives PAR for
address- and write-data phases. The target
drives PAR for read-data phases. Parity is
even across AD[31:0] and C/BE[3:0]#.
For address phases, PAR is stable and valid
one PCI clock after the address phase. It has
the same timing as AD[31:0] but is delayed
by one PCI clock.
For data phases, PAR is stable and valid one
PCI clock after either IRDY# is asserted on a
write transaction or after TRDY# is asserted
on a read transaction.
Once PAR is valid, it remains valid until one
PCI clock after the completion of the data
phase. (Also see PERR#.)
D12
FRAME#
E1
D8
I/O
Frame Cycle. Frameisdrivenby the current
master to indicate the beginning and duration
of an access. FRAME# is asserted to indi-
cate the beginning of a bus transaction.
While FRAME# is asserted, data transfers
continue. FRAME# is deasserted when the
transaction is in the final data phase.
This signal is internally connected to a pull-
up resistor.
---
IRDY#
C8
F2
I/O
Initiator Ready. IRDY#isassertedtoindi-
cate that the bus master is able to complete
the current data phase of the transaction.
IRDY# is used in conjunction with TRDY#. A
data phase is completed on any PCI clock in
which both IRDY# and TRDY# are sampled
as asserted. During a write, IRDY# indicates
that valid data is present on AD[31:0]. During
a read, it indicates that the master is pre-
pared to accept data. Wait cycles are
inserted until both IRDY# and TRDY# are
asserted together.
This signal is internally connected to a pull-
up resistor.
D14
2.4.6
PCI Bus Interface Signals (Continued)
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com