Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 57Page - National Semiconductor (TI) SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) SC2200 Datasheet HTML 61Page - National Semiconductor (TI) SC2200 Datasheet HTML 62Page - National Semiconductor (TI) SC2200 Datasheet HTML 63Page - National Semiconductor (TI) SC2200 Datasheet HTML 64Page - National Semiconductor (TI) SC2200 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 433 page
background image
Revision 3.0
61
www.national.com
Signal Definitions (Continued)
AB2D
AL11
M29
I/O
ACCESS.bus 2 Serial Data. This is the bidi-
rectional serial data signal for the interface.
Note:
If AB2D function is selected but not
used, tie AB2D high.
GPIO13
2.4.6
PCI Bus Interface Signals
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA
PCICLK
E2
A7
I
PCI Clock. PCICLK provides timing for all
transactions on the PCI bus. All other PCI
signals are sampled on the rising edge of
PCICLK, and all timing parameters are
defined with respect to this edge.
---
PCICLK0
D3
A4
O
PCI Clock Outputs. PCICLK0 and PCICLK1
provide clock drives for the system at 33
MHz. These clocks are asynchronous to PCI
signals. There is low skew between all out-
puts. One of these clock signals should be
connected to the PCICLK input. All PCI clock
users in the system (including PCICLK)
should receive the clock with as low a skew
as possible.
FPCI_MON (Strap)
PCICLK1
E4
D6
O
LPC_ROM (Strap)
AD[31:24]
See
Table 2-3
on page
32.
See
Table 2-5
on page
47.
I/O
Multiplexed Address and Data. Abus
transaction consists of an address phase in
the cycle in which FRAME# is asserted fol-
lowed by one or more data phases. During
the address phase, AD[31:0] contain a physi-
cal 32-bit address. For I/O, this is a byte
address. For configuration and memory, it is
a DWORD address. During data phases,
AD[7:0] contain the least significant byte
(LSB) and AD[31:24] contain the most signifi-
cant byte (MSB).
D[7:0]
AD[23:0]
A[23:0]
C/BE3#
A8
H4
I/O
Multiplexed Command and Byte Enables.
During the address phase of a transaction
when FRAME# is active, C/BE[3:0]# define
the bus command. During the data phase,
C/BE[3:0]# are used as byte enables. The
byte enables are valid for the entire data
phase and determine which byte lanes carry
meaningful data. C/BE0# applies to byte 0
(LSB) and C/BE3# applies to byte 3 (MSB).
D11
C/BE2#
D8
F3
D10
C/BE1#
A10
J2
D9
C/BE0#
A13
L1
D8
2.4.5
ACCESS.bus Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com