Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 64Page - National Semiconductor (TI) SC2200 Datasheet HTML 65Page - National Semiconductor (TI) SC2200 Datasheet HTML 66Page - National Semiconductor (TI) SC2200 Datasheet HTML 67Page - National Semiconductor (TI) SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) SC2200 Datasheet HTML 70Page - National Semiconductor (TI) SC2200 Datasheet HTML 71Page - National Semiconductor (TI) SC2200 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 433 page
background image
www.national.com
68
Revision 3.0
Signal Definitions (Continued)
2.4.9
IDE Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
IDE_RST#
A22
AA1
O
IDE Reset. This signal resets all the devices
that are attached to the IDE interface.
TFTDCK
IDE_ADDR2
C17
U2
O
IDE Address Bits. These address bits are
used to access a register or data port in a
device on the IDE bus.
TFTD4
IDE_ADDR1
C26
AE1
TFTD2
IDE_ADDR0
A26
AD3
TFTD3
IDE_DATA[15:0]
See
Table 2-3
on page
32.
See
Table 2-5
on page
47.
I/O
IDE Data Lines. IDE_DATA[15:0] transfers
data to/from the IDE devices.
TheIDE interfaceis
muxedwiththe TFT
interface. See Table
2-7onpage 52 for
details.
IDE_IOR0#
C21
Y4
O
IDE I/O Read Channels 0 and 1.
IDE_IOR0# is the read signal for Channel 0
and IDE_IOR1# is the read signal for Chan-
nel 1. Each signal is asserted at read
accesses to the corresponding IDE port
addresses.
TFTD10
IDE_IOR1#
AH3
D28
O
GPIO6+DTR2#/
BOUT2+SDTEST5#
IDE_IOW0#
D24
AD2
O
IDE I/O Write Channels 0 and 1.
IDE_IOW0# is the write signal for Channel 0.
IDE_IOW1# is the write signal for Channel 1.
Each signal is asserted at write accesses to
corresponding IDE port addresses.
TFTD9
IDE_IOW1#
AG4
C28
O
GPIO9+DCD2#+
SDTEST2
IDE_CS0#
A27
AF2
O
IDE Chip Selects 0 and 1. These signals are
used to select the command block registers
in an IDE device.
TFTD5
IDE_CS1#
C16
P2
O
TFTDE
IDE_IORDY0
A25
AD1
I
I/O Ready Channels 0 and 1. When deas-
serted, these signals extend the transfer
cycle of any host register access if the
required device is not ready to respond to the
data transfer request.
Note:
If
selected
as
IDE_IORDY0
or
IDE_IORDY1
function(s)
but
not
used, then signal(s) should be tied
high.
TFTD11
IDE_IORDY1
AJ1
B29
I
GPIO10+DSR2#+
SDTEST1
IDE_DREQ0
C24
AC4
I
DMA Request Channels 0 and 1. The
IDE_DREQ signals are used to request a
DMA transfer from the SC2200. The direction
of transfer is determined by the
IDE_IOR/IOW signals.
Note:
If
selected
as
IDE_DREQ0/
IDE_DREQ1 function but not used,
tie IDE_DREQ0/IDE_DREQ1 low.
TFTD8
IDE_DREQ1
AJ2
C31
I
GPIO8+CTS2#
+SDTEST5
IDE_DACK0#
C25
AD4
O
DMA Acknowledge Channels 0 and 1. The
IDE_DACK# signals acknowledge the DREQ
request to initiate DMA transfers.
TFTD0
IDE_DACK1#
AH4
C30
O
GPIO7+RTS2#
+SDTEST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com