Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 71Page - National Semiconductor (TI) SC2200 Datasheet HTML 72Page - National Semiconductor (TI) SC2200 Datasheet HTML 73Page - National Semiconductor (TI) SC2200 Datasheet HTML 74Page - National Semiconductor (TI) SC2200 Datasheet HTML 75Page - National Semiconductor (TI) SC2200 Datasheet HTML 76Page - National Semiconductor (TI) SC2200 Datasheet HTML 77Page - National Semiconductor (TI) SC2200 Datasheet HTML 78Page - National Semiconductor (TI) SC2200 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 433 page
background image
Revision 3.0
75
www.national.com
Signal Definitions (Continued)
2.4.16 GPIO Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
GPIO0
H1
D11
I/O
GPIO Port 0. Each signal is configured inde-
pendently as an input or I/O, with or without
static pull-up, and with either open-drain or
totem-pole output type.
A debouncer and an interrupt can be enabled
or masked for each of signals GPIO[00:01]
and [06:15] independently.
Note:
GPIO12, GPIO13, GPIO16 inputs: If
GPIOx function is selected but not
used, tie GPIOx low.
TRDE#
GPIO1
H2
D10
IOCS1#+TFTD12
AL12
N30
AB1D+IOCS1#
GPIO6
AH3
D28
DTR2#/BOUT2+
IDE_IOR1#+
SDTEST5
GPIO7
AH4
C30
RTS2#+IDE_DACK1#
+SDTEST0
GPIO8
AJ2
C31
CTS2#+IDE_DREQ1
+SDTEST4
GPIO9
AG4
C28
DCD2#+IDE_IOW1#+
SDTEST2
GPIO10
AJ1
B29
DSR2#+IDE_IORDY1
+SDTEST1
GPIO11
H30
AJ8
RI2#+IRQ15
GPIO12
AJ12
N29
AB2C
GPIO13
AL11
M29
AB2D
GPIO14
F1
D9
IOR#+DOCR#
GPIO15
G3
A8
IOW#+DOCW#
GPIO16
AL15
V31
PC_BEEP+
F_DEVSEL#
GPIO17
J4
A10
IOCS0#+TFTDCK
GPIO18
A28
AG1
DTR1#/BOUT1
GPIO19
H4
C9
INTC#+IOCHRDY
GPIO20
H3
A9
DOCCS#+TFTD0
AJ13
N31
AB1C+DOCCS#
GPIO32
AJ11
M28
I/O
GPIO Port 1. Each signal is configured inde-
pendently as an input or I/O, with or without
static pull-up, and with either open-drain or
totem-pole output type.
A debouncer and an interrupt can be enabled
or masked for each of signals GPIO[32:41]
independently.
LAD0
GPIO33
AL10
L31
LAD1
GPIO34
AK10
L30
LAD2
GPIO35
AJ10
L29
LAD3
GPIO36
AL9
L28
LDRQ#
GPIO37
AK9
K31
LFRAME#
GPIO38/IRRX2
AJ9
K28
LPCPD#
GPIO39
AL8
J31
SERIRQ
GPIO40
A21
Y3
IDE_DATA8
GPIO41
C19
W4
IDE_DATA11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com