Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 77Page - National Semiconductor (TI) SC2200 Datasheet HTML 78Page - National Semiconductor (TI) SC2200 Datasheet HTML 79Page - National Semiconductor (TI) SC2200 Datasheet HTML 80Page - National Semiconductor (TI) SC2200 Datasheet HTML 81Page - National Semiconductor (TI) SC2200 Datasheet HTML 82Page - National Semiconductor (TI) SC2200 Datasheet HTML 83Page - National Semiconductor (TI) SC2200 Datasheet HTML 84Page - National Semiconductor (TI) SC2200 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 433 page
background image
Revision 3.0
81
www.national.com
General Configuration Block (Continued)
3.2
MULTIPLEXING, INTERRUPT SELECTION, AND BASE ADDRESS REGISTERS
Theregistersdescribed inTable3-2 areusedtodetermine
general configuration for the SC2200. These registers also
indicate which multiplexed signals are issued via balls from
which more than one signal may be output. For more infor-
mation about multiplexed signals and the appropriate con-
figurations, see Section 2.1 "Ball Assignments" on page 20.
Table 3-2. Multiplexing, Interrupt Selection, and Base Address Registers
Bit
Description
Offset 30h-33h
Pin Multiplexing Register - PMR (R/W)
Reset Value: 00000000h
This register configures pins with multiple functions. See Section 2.1 on page 20 for more information about multiplexing information.
31:30
Reserved: Always write 0.
29
Test Signals. Selects ball functions.
Ball #
0: Internal Test Signals
1: Internal Test Signals
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
D28 / AH3
PLL2B
None
TEST0
None
C28 / AG4
PLL6B
None
TEST1
None
B29 / AJ1
PLL5B
None
TEST2
None
AL16 / V30
GXCLK
See PMR[23]
TEST3
PMR[23] = 0
28
Test Signals. Selects ball function.
Ball #
0: AC97 Signal
1: Internal Test Signal
EBGA / TEPBGA
Name
Add’l Dependencies
Name
Add’l Dependencies
AJ4 / E28
SIN2
None
SDTEST3
See Note.
Note:
If this bit is set, PMR[8] and PMR[18] must be set by software.
27
FPCI_MON (Fast-PCI Monitoring). Selects Fast-PCI monitoring output signals instead of Parallel Port signals.
Fast-PCI monitoring output signals can be enabled in two ways: by setting this bit to 1 or by strapping FPCI_MON (EBGA
ball D3 / TEPBGA ball A4) high. (The strapped value can be read back at MCR[30].) Listed below is how these two options
work together and the signals that are enabled (enabling overrides add’l dependencies except FPCI_MON = 1). Note that
the FPCI monitoring signals that are muxed with Audio signals are not enabled via this bit. They are only enabled using the
strap option.
PMR[27] FPCI_MON
0
0
Disable all Fast-PCI monitoring signals
0
1
Enable all Fast-PCI monitoring signals
1
0
Enable Fast-PCI monitoring signals muxed with Parallel Port signals only
1
1
Enable all Fast-PCI monitoring signals
Ball #
EBGA / TEPBGA
FPCI_MON Signal Other Signal
Add’l Dependencies
U3 / B18
FPCICLK
ACK#+TFTDE
See PMR[23]
U1 / A18
F_AD7
PD7+TFTD13
See PMR[23]
V3 / A20
F_AD6
PD6+TFTD1
See PMR[23]
V2 / C19
F_AD5
PD5+TFT11
See PMR[23]
V1 / C18
F_AD4
PD4+TFTD10
See PMR[23]
W2 / C20
F_AD3
PD3+TFTD9
See PMR[23]
W3 / D20
F_AD2
PD2+TFTD8
See PMR[23]
Y1 / A21
F_AD1
PD1+TFTD7
See PMR[23]
AA1 / C21
F_AD0
PD0_TFTD5
See PMR[23]
T4 / C17
F_C/BE3#
SLCT+TFTD15
See PMR[23]
T3 / D17
F_C/BE2#
PE+TFTD14
See PMR[23]
T1 / B17
F_C/BE1#
BUSY/WAIT#+TFTD3
See PMR[23]
AA3 / D21
F_C/BE0#
ERR#+TFTD4
See PMR[23]
AB1 / A22
F_FRAME#
STB#/WRITE#+TFTD7
See PMR[23]
W1 / B20
F_IRDY#
SLIN#/ASTRB#+TFTD16
See PMR[23]
AB2 / D22
INTR_O
AFD#/DSTRB#+TFTD2
See PMR[23]
Y3 / B21
SMI_O
INIT#+TFTD5
See PMR[23]
AL15 / V31
F_DEVSEL#
GPIO16+PC_BEEP
FPCI_MON = 1 and see PMR[0]
AJ15 / U29
F_STOP#
AC97_RST#
FPCI_MON = 1
AK14 / U31
F_GNT0#
SDATA_IN
FPCI_MON = 1
AL14 / U30
F_TRDY#
BIT_CLK
FPCI_MON = 1
26
Note:
Reserved: Always write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com