Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 52Page - National Semiconductor (TI) SC2200 Datasheet HTML 53Page - National Semiconductor (TI) SC2200 Datasheet HTML 54Page - National Semiconductor (TI) SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) SC2200 Datasheet HTML 57Page - National Semiconductor (TI) SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 433 page
background image
www.national.com
56
Revision 3.0
Signal Definitions (Continued)
2.4
SIGNAL DESCRIPTIONS
Information in the tables that follow may have duplicate information in multiple tables. Multiple references all contain identi-
cal information.
2.4.1
System Interface
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
CLKSEL1
B27
AF3
I
Fast-PCI Clock Selects. These strap signals
are used to set the internal Fast-PCI clock.
00 = 33.3 MHz
01 = 48 MHz
10 = 66.7 MHz
11 = 33.3 MHz
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SOUT1
CLKSEL0
F3
B8
RD#
CLKSEL3
AL13
P30
I
Maximum Core Clock Multiplier. These
strap signals are used to set the maximum
allowed multiplier value for the core clock.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SYNC
CLKSEL2
AK3
D29
SOUT2
BOOT16
G4
C8
I
Boot ROMis16BitsWide. This strap signal
enables the optional 16-bit wide Sub-ISA
bus.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
ROMCS#
LPC_ROM
E4
D6
I
LPC_ROM. This strap signal forces selecting
of the LPC bus and sets bit F0BAR1+I/O Off-
set 10h[15], LPC ROM Addressing Enable. It
enables the SC2200 to boot from a ROM
connected to the LPC bus.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
PCICLK1
TFT_PRSNT
AK13
P29
I
TFT Present. A strap used to select multi-
plexing of TFT signals at power-up. Enables
using TFT instead of Parallel Port, ACB1,
and GPIO17.
During system reset, an internal pull-down
resistor of 100 K
Ω exists on these balls. An
external pull-up or pull-down resistor of 1.5
K
Ω must be used.
SDATA_OUT
FPCI_MON
D3
A4
I
Fast-PCI Monitoring. The strap on this ball
forces selection of Fast-PCI monitoring sig-
nals. For normal operation, strap this signal
low usinga1.5 K
Ω resistor. The value of this
strap can be read on the MCR[30].
PCICLK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com