Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) SC2200 Datasheet HTML 70Page - National Semiconductor (TI) SC2200 Datasheet HTML 71Page - National Semiconductor (TI) SC2200 Datasheet HTML 72Page - National Semiconductor (TI) SC2200 Datasheet HTML 73Page - National Semiconductor (TI) SC2200 Datasheet HTML 74Page - National Semiconductor (TI) SC2200 Datasheet HTML 75Page - National Semiconductor (TI) SC2200 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 433 page
background image
www.national.com
72
Revision 3.0
Signal Definitions (Continued)
STB#/WRITE#
AB1
A22
O
Data Strobe. When low, indicates to the
printer that valid data is available at the
printer port. This signal is in TRI-STATE after
a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resis-
tor should be employed.
Write Strobe. Active low, used in EPP mode
to denote an address or data cycle. When
the cycle is aborted, WRITE# becomes inac-
tive (high).
TFTD17+
F_FRAME#
2.4.13 Fast Infrared (IR) Port Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
IRRX1
J28
AK8
I
IR Receive. Primary input to receive serial
data from the IR transceiver. Monitored dur-
ing power-off for wakeup event detection.
Note:
If selected as IRRX1 function but not
used, tie IRRX1 high.
SIN3
IRRX2/GPIO38
AJ9
K28
I
IR Receive 2. Auxiliary IR receiver input to
support a second transceiver. This input sig-
nal can be used when GPIO38 is selected
using PMR[14], and when AUX_IRRX bit in
register IRCR2 of the IR module in internal
SuperI/O is set.
LPCPD#
IRTX
J3
C11
O
IR Transmit. IR serial output data.
SOUT3
2.4.12 Parallel Port Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com