Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 61Page - National Semiconductor (TI) SC2200 Datasheet HTML 62Page - National Semiconductor (TI) SC2200 Datasheet HTML 63Page - National Semiconductor (TI) SC2200 Datasheet HTML 64Page - National Semiconductor (TI) SC2200 Datasheet HTML 65Page - National Semiconductor (TI) SC2200 Datasheet HTML 66Page - National Semiconductor (TI) SC2200 Datasheet HTML 67Page - National Semiconductor (TI) SC2200 Datasheet HTML 68Page - National Semiconductor (TI) SC2200 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 433 page
background image
Revision 3.0
65
www.national.com
Signal Definitions (Continued)
SERR#
A9
H1
I/O
System Error. SERR# canbeassertedby
any agent for reporting errors other than PCI
parity, so that the PCI central agent notifies
the processor. When the Parity Enable bit is
set in the Memory Controller Configuration
register, SERR# is asserted upon detection
of a parity error in read operations from
DRAM.
This signal is internally connected to a pull-
up resistor.
---
REQ1#
E3
A5
I
Request Lines. REQ[1:0]# indicate to the
arbiter that an agent requires the bus. Each
master has its own REQ# line. REQ# priori-
ties (in order) are:
1)
VIP
2)
IDE Channel 0
3)
IDE Channel 1
4)
Audio
5)
USB
6)
External REQ0#
7)
External REQ1#.
Each REQ# is internally connected to a pull-
up resistor.
---
REQ0#
C1
B5
---
GNT1#
D2
C6
O
Grant Lines. GNT[1:0]# indicate to the
requesting master that it has been granted
access to the bus. Each master has its own
GNT# line. GNT# can be retracted at any
time ahigherREQ#isreceivedorif the mas-
ter does not begin a cycle within a minimum
period of time (16 PCI clocks).
Each of these signals is internally connected
to a pull-up resistor.
GNT0#must havea pull-upresistor of 1.5
K
Ω and GNT1# must have a pull-down resis-
tor of 1.5 K
Ω.
DID1 (Strap)
GNT0#
D4
C5
DID0 (Strap)
2.4.6
PCI Bus Interface Signals (Continued)
Signal Name
BalL No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com