Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 88Page - National Semiconductor (TI) SC2200 Datasheet HTML 89Page - National Semiconductor (TI) SC2200 Datasheet HTML 90Page - National Semiconductor (TI) SC2200 Datasheet HTML 91Page - National Semiconductor (TI) SC2200 Datasheet HTML 92Page - National Semiconductor (TI) SC2200 Datasheet HTML 93Page - National Semiconductor (TI) SC2200 Datasheet HTML 94Page - National Semiconductor (TI) SC2200 Datasheet HTML 95Page - National Semiconductor (TI) SC2200 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 433 page
background image
www.national.com
92
Revision 3.0
General Configuration Block (Continued)
Table 3-4. High-Resolution Timer Registers
Bit
Description
Offset 08h-0Bh
TIMER Value Register - TMVALUE (RO)
Reset Value: xxxxxxxxh
This register contains the current value of the High-Resolution Timer.
31:0
Current Timer Value.
Offset 0Ch
TIMER Status Register - TMSTS (R/W)
Reset Value: 00h
This register supplies the High-Resolution Timer status information.
7:1
Reserved
0
TMSTS (TIMER Status). This bit is set to 1 when the most significant bit (bit 31) of the timer changes from 1 to 0. It is
cleared to 0 upon system reset or when 1 is written by software to this bit.
Offset 0Dh
TIMER Configuration Register - TMCNFG (R/W)
Reset Value: 00h
This register enables the High-Resolution Timer interrupt; selects the Timer clock; and disables the 27 MHz internal clock during low
power states.
7:3
Reserved.
2
TM27MPD (TIMER 27 MHz Power Down). This bit is cleared to 0 when POR# is asserted or when the GX1 module deas-
serts its internal SUSPA# signal (i.e., on SUSPA# rising edge). See Section 3.4.2.1 "Usage Hints" on page 91.
0: 27 MHz input clock is enabled.
1: 27 MHz input clock is disabled when the GX1 module asserts its internal SUSPA# signal.
1
TMCLKSEL (TIMER Clock Select).
0: Count-up timer uses the oscillator clock divided by 27.
1: Count-up timer uses the oscillator clock, 27 MHz clock.
0
TMEN (TIMER Interrupt Enable).
0: High-Resolution Timer interrupt is disabled.
1: High-Resolution Timer interrupt is enabled.
Offset 0Eh-0Fh
Reserved - RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com