Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) SC2200 Datasheet HTML 57Page - National Semiconductor (TI) SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) SC2200 Datasheet HTML 61Page - National Semiconductor (TI) SC2200 Datasheet HTML 62Page - National Semiconductor (TI) SC2200 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 433 page
background image
Revision 3.0
59
www.national.com
Signal Definitions (Continued)
SDCLK_OUT
AH28
AK28
O
SDRAM Clock Output. This output is routed
back to SDCLK_IN. The board designer
should vary the length of the board trace to
control skew between SDCLK_IN and
SDCLK.
---
2.4.3
Video Port Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
VPD7
AJ6
G31
I
Video Port Data. The data is input from the
CCIR-656 video decoder.
---
VPD6
AJ7
H28
---
VPD5
AL6
H29
---
VPD4
AH8
H30
---
VPD3
AL7
H31
---
VPD2
AJ8
J28
---
VPD1
AK8
J29
---
VPD0
AH9
J30
---
VPCKIN
AH7
F31
I
Video Port Clock Input. The clock input
from the video decoder.
---
2.4.4
CRT/TFT Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
DDC_SCL
A20
Y1
O
DDC Serial Clock. This is the serial clock for
the VESA Display Data Channel interface. It
is used for monitor communications. The
DDC2B standard is supported by this inter-
face.
IDE_DATA10
DDC_SDA
C20
Y2
I/O
DDC Serial Data. This is the bidirectional
serial data signal for the VESA Display Data
Channel interface. It is used for monitor com-
munications. The DDC2B standard is sup-
ported by this interface.
IDE_DATA9
HSYNC
J1
A11
O
Horizontal Sync
---
VSYNC
J2
B11
O
Vertical Sync
---
VREF
P1
D16
I/O
Voltage Reference. Reference voltage for
CRT PLL and DAC. This signal reflects the
internal voltage reference. If internal voltage
reference is used (recommended), leave this
ball disconnected. If an external voltage ref-
erence is used, this input is tied to a 1.235V
reference.
---
2.4.2
Memory Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com