Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 53Page - National Semiconductor (TI) SC2200 Datasheet HTML 54Page - National Semiconductor (TI) SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) SC2200 Datasheet HTML 57Page - National Semiconductor (TI) SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) SC2200 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 433 page
background image
Revision 3.0
57
www.national.com
Signal Definitions (Continued)
DID1
D2
C6
I
Device ID. Together, the straps on these sig-
nals define the system-level chip ID.
The value of DID1 can be read in the
MCR[29]. The value of DID0 can be read in
the MCR[31].
DID0 must have a pull-up resistor of 1.5 K
Ω
and DID1 must have a pull-down resistor of
1.5 K
Ω.
GNT1#
DID0
D4
C5
I
GNT0#
POR#
J29
AH9
I
Power On Reset. POR# is the system reset
signal generated from the power supply to
indicate that the system should be reset.
---
X32I
C30
AJ2
I/O
Crystal Connections. Connected directly to
a 32.768 KHz crystal. This clock input is
required even if the internal RTC is not being
used. Some of the internal clocks are derived
from this clock. If an external clock is used, it
should be connected to X32I, using a voltage
level of 0 volts to VCORE +10% maximum.
X32O should remain unconnected.
---
X32O
D29
AJ3
---
X27I
A29
AG3
I/O
Crystal Connections. Connected directly to
a 27.000 MHz crystal. Some of the internal
clocks are derived from this clock. If an exter-
nal clock is used, it should be connected to
X27I, using a voltage level of 0 volts to VIO
and X27O should be remain unconnected.
---
X27O
D27
AH2
---
CLK27M
A23
AA4
O
27 MHz Output Clock. Output of crystal
oscillator.
IDE_DATA5
PCIRST#
D1
A6
O
PCI and System Reset. PCIRST# is the
reset signal for the PCI bus and system. It is
asserted for approximately 100 µs after
POR# is negated.
---
2.4.2
Memory Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
MD[63:0]
See
Table 2-3
on page
32.
See
Table 2-5
on page
47.
I/O
Memory Data Bus. The data bus lines
driven to/from system memory.
---
MA[12:0]
See
Table 2-3
on page
32.
See
Table 2-5
on page
47.
O
Memory Address Bus. The multiplexed
row/column address lines driven to the sys-
tem memory. Supports 256-Mbit SDRAM.
---
BA1
P31
AK14
O
Bank Address Bits. These bits are used to
select the component bank within the
SDRAM.
---
BA0
P30
AJ13
---
2.4.1
System Interface (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com