Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 28Page - National Semiconductor (TI) SC2200 Datasheet HTML 29Page - National Semiconductor (TI) SC2200 Datasheet HTML 30Page - National Semiconductor (TI) SC2200 Datasheet HTML 31Page - National Semiconductor (TI) SC2200 Datasheet HTML 32Page - National Semiconductor (TI) SC2200 Datasheet HTML 33Page - National Semiconductor (TI) SC2200 Datasheet HTML 34Page - National Semiconductor (TI) SC2200 Datasheet HTML 35Page - National Semiconductor (TI) SC2200 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 433 page
background image
www.national.com
32
Revision 3.0
Signal Definitions (Continued)
Table 2-3. 432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name
Signal Name
Ball No.
A0
A17
A1
D16
A2
A18
A3
A15
A4
A16
A5
A14
A6
C15
A7
B14
A8
C14
A9
B13
A10
C13
A11
C12
A12
A12
A13
C11
A14
A11
A15
B10
A16
A7
A17
C7
A18
D7
A19
A6
A20
D6
A21
C6
A22
A5
A23
F4
AB1C
AJ13
AB1D
AL12
AB2C
AJ12
AB2D
AL11
AC97_CLK
AJ14
AC97_RST#
AJ15
ACK#
U3
AD0
A17
AD1
D16
AD2
A18
AD3
A15
AD4
A16
AD5
A14
AD6
C15
AD7
B14
AD8
C14
AD9
B13
AD10
C13
AD11
C12
AD12
A12
AD13
C11
AD14
A11
AD15
B10
AD16
A7
AD17
C7
AD18
D7
AD19
A6
AD20
D6
AD21
C6
AD22
A5
AD23
F4
AD24
C5
AD25
D5
AD26
A4
AD27
B4
AD28
C4
AD29
A3
AD30
C2
AD31
B3
AFD#/DSTRB#
AB2
AVCCCRT
L3, M1, N1
AVCCUSB
AF4
AVSSCRT
L1, N3, P3
AVSSPLL2
R3
AVSSPLL3
E28
AVSSUSB
AG1
BA0
P30
BA1
P31
BHE#
B5
BIT_CLK
AL14
BLUE
N2
BOOT16
G4
BUSY/WAIT#
T1
C/BE0#
A13
C/BE1#
A10
C/BE2#
D8
C/BE3#
A8
CASA#
N30
CKEA
AC28
CLK27M
A23
CLK32
H29
CLKSEL0
F3
CLKSEL1
B27
CLKSEL2
AK3
CLKSEL3
AL13
CS0#
P29
CS1#
AK29
CTS2#
AJ2
D0
C5
D1
D5
D2
A4
D3
B4
D4
C4
Signal Name
Ball No.
D5
A3
D6
C2
D7
B3
D8
A13
D9
A10
D10
D8
D11
A8
D12
C10
D13
B8
D14
C8
D15
D9
DCD2#
AG4
DDC_SCL
A20
DDC_SDA
C20
DEVSEL#
B5
DID0
D4
DID1
D2
DNEG_PORT1
AG3
DNEG_PORT2
AG2
DNEG_PORT3
AF3
DOCCS#
H3
DOCCS#
AJ13
DOCR#
F1
DOCW#
G3
DPOS_PORT1
AH2
DPOS_PORT2
AH1
DPOS_PORT3
AE4
DQM0
M31
DQM1
AF31
DQM2
AL26
DQM3
AJ21
DQM4
T28
DQM5
AC30
DQM6
AJ26
DQM7
AJ20
DSR2#
AJ1
DTR1#/BOUT1
A28
DTR2#/BOUT2
AH3
ERR#
AA3
F_AD0
AA1
F_AD1
Y1
F_AD2
W3
F_AD3
W2
F_AD4
V1
F_AD5
V2
F_AD6
V3
F_AD7
U1
F_C/BE0#
AA3
F_C/BE1#
T1
Signal Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com