Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 92Page - National Semiconductor (TI) SC2200 Datasheet HTML 93Page - National Semiconductor (TI) SC2200 Datasheet HTML 94Page - National Semiconductor (TI) SC2200 Datasheet HTML 95Page - National Semiconductor (TI) SC2200 Datasheet HTML 96Page - National Semiconductor (TI) SC2200 Datasheet HTML 97Page - National Semiconductor (TI) SC2200 Datasheet HTML 98Page - National Semiconductor (TI) SC2200 Datasheet HTML 99Page - National Semiconductor (TI) SC2200 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 433 page
background image
www.national.com
96
Revision 3.0
General Configuration Block (Continued)
3.5.4
SuperI/O Clocks
The SuperI/O module requires a 48 MHz input for Fast
infrared (FIR), UART, and other functions. This clock is sup-
plied by PLL4 using a multiplier value of 576/(108x3) to
generate 48 MHz.
3.5.5
Core Logic Module Clocks
The Core Logic module requires the following clock
sources:
Real-Time Clock (RTC)
RTC requires a 32.768 KHz clock which is supplied directly
from an internal low-power crystal oscillator. This oscillator
uses battery power and has very low current consumption.
USB
The USB requires a 48 MHz input which is supplied by
PLL4. The required total frequency accuracy and slow jitter
for USB is 500 PPM; edge to edge jitter is
±1.2%.
ACPI
The ACPI logic block uses a 14.32 MHz clock supplied by
PLL6. PLL6 creates this clock from the 32.768 KHz clock,
with a multiplier value of 6992/4 to output a 57.278 MHz
clock that is divided by 4.
External PCI
The PCI Interface uses a 33.3 MHz clock that is created by
PLL5 and divided by 2. PLL5 uses the 27 MHz clock, to
output a 66.67 MHz clock. PLL5 has a frequency accuracy
of
± 0.1%.
AC97
The SC2200 generates the 24.576 MHz clock required by
the audio codec. Therefore, no crystal need be included for
the audio codec on the system board.
PLL3 uses the crystal oscillator clock, to generate a 24.576
MHz clock. This clock is driven on the AC97_CLK ball. The
accuracy of the clock supplied by the SC2200 is 50 PPM.
3.5.6
Video Processor Clocks
The Video processor requires the following clock sources:
Dot
The Dot clock is generated by PLL2. It is supplied to the
Display Controller in the GX1 module (DCLK) that creates
the pixel information, and is returned to the Graphics block
(PCLK) with this information. PLL2 uses the 27 MHz clock
to generate the Dot clock.
Video
The Video clock source depends on the source of the video
data.
• If the video data is coming from the GX1 module
(Capture Video mode), the video clock is generated by
the Display Controller.
• If the video data is coming directly from the VIP block
(Direct Video mode), the Video Clock is generated by
the VIP block.
3.5.7
Clock Registers
Table 3-8 describes the registers of the clock generator and
PLL.
Table 3-8. Clock Generator Configuration
Bit
Description
Offset 10h
Maximum Core Clock Multiplier Register - MCCM (RO)
Reset Value: Strapped Value
This register holds the maximum core clock multiplier value. The maximum clock frequency allowed by the core, is the Fast-PCI clock
multiplied by this value.
7:4
Reserved.
3:0
MCM (Maximum Clock Multiplier). This 4-bit value is the maximum multiplier value allowed for the core clock generator. It
is derived from strap pins CLKSEL[3:0] based on the multiplier value in Table 3-7 on page 95.
Offset 11h
Reserved - RSVD
Offset 12h
PLL Power Control Register - PPCR (R/W)
Reset Value: 2Fh
This register controls operation of the PLLs.
7
Reserved.
6
EXPCID (Disable External PCI Clock).
0: External PCI clock is enabled.
1: External PCI clock is disabled.
5
GPD (Disable Graphic Pixel Reference Clock).
0: PLL2 input clock is enabled.
1: PLL2 input clock is disabled.
4
Reserved.
3
PLL3SD (Shut Down PLL3). AC97 codec clock.
0: PLL3 is enabled.
1: PLL3 is shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com