Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 93Page - National Semiconductor (TI) SC2200 Datasheet HTML 94Page - National Semiconductor (TI) SC2200 Datasheet HTML 95Page - National Semiconductor (TI) SC2200 Datasheet HTML 96Page - National Semiconductor (TI) SC2200 Datasheet HTML 97Page - National Semiconductor (TI) SC2200 Datasheet HTML 98Page - National Semiconductor (TI) SC2200 Datasheet HTML 99Page - National Semiconductor (TI) SC2200 Datasheet HTML 100Page - National Semiconductor (TI) SC2200 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 433 page
background image
Revision 3.0
97
www.national.com
General Configuration Block (Continued)
2
FM1SD (Shut Down PLL4).
0: PLL4 is enabled.
1: PLL4 is shutdown, unless internal Fast-PCI clock is strapped to 48 MHz.
1
C48MD (Disable SuperI/O and USB Clock).
0: USB and SuperI/O clock is enabled.
1: USB and SuperI/O clock is disabled.
0
Reserved. Write as read.
Offset 13h-17h
Reserved - RSVD
Offset 18h-1Bh
PLL3 Configuration Register - PLL3C (R/W)
Reset Value: E1040005h
31:24
MFFC (MFF Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz
23:19
Reserved. Write as read.
18:11
MFBC (MFB Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz
10:7
Reserved. Write as read
6
Reserved. Must be set to 0.
5:0
MOC (MO Counter Value).
Fvco
= OSCCLK * MFBC / (MFFC * MOC)
OSCCLK = 27 MHz
Offset 1Eh-1Fh
Core Clock Frequency Control Register - CCFC (R/W)
Reset Value: Strapped Value
This register controls the configuration of the core clock multiplier and the reference clocks.
15:14
Reserved.
13
Reserved. Must be set to 0.
12
Reserved. Must be set to 0.
11:10
Reserved.
9:8
FPCICK (Internal Fast-PCI Clock). (Read Only) Reflects the internal Fast-PCI clock and is the input to the GX1 module
that is used to generate the core clock. These bits reflect the value of strap pins CLKSEL[1:0].
00: 33.3 MHz
01: 48 MHz
10: 66.7 MHz
11: 33.3 MHz
7:4
Reserved.
3:0
MVAL (Multiplier Value). This 4-bit value controls the multiplier in ADL. The value is set according to the Maximum Clock
Multiplier bits of the MCCM register (Offset 10h). The multiplier value should never be written with a multiplier which is differ-
ent from the multiplier indicated in the MCCM register.
0100:
Multiply by 4
0101:
Multiply by 5
0110:
Multiply by 6
0111:
Multiply by 7
1000:
Multiply by 8
1001:
Multiply by 9
1010:
Multiply by 10
Other: Reserved
Table 3-8. Clock Generator Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com