Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 87Page - National Semiconductor (TI) SC2200 Datasheet HTML 88Page - National Semiconductor (TI) SC2200 Datasheet HTML 89Page - National Semiconductor (TI) SC2200 Datasheet HTML 90Page - National Semiconductor (TI) SC2200 Datasheet HTML 91Page - National Semiconductor (TI) SC2200 Datasheet HTML 92Page - National Semiconductor (TI) SC2200 Datasheet HTML 93Page - National Semiconductor (TI) SC2200 Datasheet HTML 94Page - National Semiconductor (TI) SC2200 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 433 page
background image
Revision 3.0
91
www.national.com
General Configuration Block (Continued)
3.4
HIGH-RESOLUTION TIMER
The SC2200 provides an accurate time value that can be
used as a time stamp by system software. This time is
called the High-Resolution Timer. The length of the timer
value can be extended via software. It is normally enabled
while the system is in the C0 and C1 states. Optionally,
software can be programmed to enable use of the High-
Resolution Timer during C3 state and/or S1 state as well.
In all other power states the High-Resolution Timer is dis-
abled.
3.4.1
Functional Description
The High-Resolution Timer is a 32-bit free-running count-
up timer that uses the oscillator clock or the oscillator clock
divided by 27. Bit TMCLKSEL of the TMCNFG register
(Offset 0Dh[1]) can be set via software to determine which
clock shouldbeusedfor theHigh-Resolution Timer.
When the most significant bit (bit 31) of the timer changes
from 1 to 0, bit TMSTS of the TMSTS register (Offset
0Ch[0]) is set to 1. When both bit TMSTS and bit TMEN
(Offset 0Dh[0]) are 1, an interrupt is asserted. Otherwise,
the interrupt is deasserted. This interrupt enables software
emulation of a larger timer.
The High-Resolution Timer interrupt is routed to an IRQ
signal. The IRQ signal is programmable via the INTSEL
register (Offset 38h). For more information about this regis-
ter, see section Section 3.2 "Multiplexing, Interrupt Selec-
tion, and Base Address Registers" on page 81.
System software uses the read-only TMVALUE register
(Offset 08h[31:0]) to read the current value of the timer.
The TMVALUE register has no default value.
The input clock (derived from the 27 MHz crystal oscillator)
is enabled when:
• The GX1 module’s internal SUSPA# signal is 1.
or
• The GX1 module’s internal SUSPA# signal is 0 and bit
TM27MPD (Offset 0Dh[2]) is 0.
The input clock is disabled, when the GX1 module’s inter-
nal SUSPA# signal is 0 and the TM27MPD bit is 1.
For more information about signal SUSPA# see Section
3.4.2.1 "Usage Hints" on page 91 and the
GX1 Processor
Series Datasheet.
The High-Resolution Timer function resides on the internal
Fast-PCI bus and its registers are in General Configuration
Block address space. Only one complete register should
be accessed at-a-time (e.g., DWORD access should be
used for DWORD wide registers and byte access should be
used for byte-wide registers).
3.4.2
High-Resolution Timer Registers
Table 3-4 on page 92 describes the registers for the High-
Resolution Timer (TIMER).
3.4.2.1
Usage Hints
• SMM code should set bit 2 of the TMCNFG register to 1
when entering ACPI C3 state if the High-Resolution
Timer should be disabled. If this is not done, the High-
Resolution Timer is functional during C3 state.
• SMM code should set bit 2 of the TMCNFG register to 1
when entering ACPI S1 state if the High-Resolution
Timer should be disabled. If this is not done, the High-
Resolution Timer is functional during S1 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com