Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 48Page - National Semiconductor (TI) SC2200 Datasheet HTML 49Page - National Semiconductor (TI) SC2200 Datasheet HTML 50Page - National Semiconductor (TI) SC2200 Datasheet HTML 51Page - National Semiconductor (TI) SC2200 Datasheet HTML 52Page - National Semiconductor (TI) SC2200 Datasheet HTML 53Page - National Semiconductor (TI) SC2200 Datasheet HTML 54Page - National Semiconductor (TI) SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 433 page
background image
www.national.com
52
Revision 3.0
Signal Definitions (Continued)
2.3
MULTIPLEXING CONFIGURATION
The tables that follow list multiplexing options and their
configurations. Certain multiplexing options may be chosen
per signal; others are available only for a group of signals.
Where ever a GPIO pin is multiplexed with another func-
tion, there is an optional pull-up resistor on this pin; after
system reset, the pull-up is present. This pull-up resistor
can be disabled by writing Core Logic registers. The con-
figuration is without regard to the selected ball function.
The above applies to all pins multiplexed with GPIO,
except GPIO12, GPIO13, and GPIO16.
Table 2-7. Two-Signal/Group Multiplexing
EBGA
TEPBGA
Default
Alternate
Signal
Configuration
Signal
Configuration
Ball No.
IDE
TFT, CRT, PCI, GPIO, System
A26
AD3
IDE_ADDR0
PMR[24] = 0
TFTD3
PMR[24] = 1
C26
AE1
IDE_ADDR1
TFTD2
C17
U2
IDE_ADDR2
TFTD4
B24
AC3
IDE_DATA0
TFTD6
A24
AC1
IDE_DATA1
TFTD16
D23
AC2
IDE_DATA2
TFTD14
C23
AB4
IDE_DATA3
TFTD12
B23
AB1
IDE_DATA4
FP_VDD_ON
A23
AA4
IDE_DATA5
CLK27M
C22
AA3
IDE_DATA6
IRQ9
B22
AA2
IDE_DATA7
INTD#
A21
Y3
IDE_DATA8
GPIO40
C20
Y2
IDE_DATA9
DDC_SDA
A20
Y1
IDE_DATA10
DDC_SCL
C19
W4
IDE_DATA11
GPIO41
B19
W3
IDE_DATA12
TFTD13
A19
V3
IDE_DATA13
TFTD15
C18
V2
IDE_DATA14
TFTD17
B18
V1
IDE_DATA15
TFTD7
C21
Y4
IDE_IOR0#
TFTD10
A25
AD1
IDE_IORDY0
TFTD11
C24
AC4
IDE_DREQ0
TFTD8
D24
AD2
IDE_IOW0#
TFTD9
A27
AF2
IDE_CS0#
TFTD5
C16
P2
IDE_CS1#
TFTDE
C25
AD4
IDE_DACK0#
TFTD0
A22
AA1
IDE_RST#
TFTDCK
D25
AF1
IRQ14
TFTD1
Ball No.
Sub-ISA
GPIO
H1
D11
TRDE#
PMR[12] = 0
GPIO0
PMR[12] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com