Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 91Page - National Semiconductor (TI) SC2200 Datasheet HTML 92Page - National Semiconductor (TI) SC2200 Datasheet HTML 93Page - National Semiconductor (TI) SC2200 Datasheet HTML 94Page - National Semiconductor (TI) SC2200 Datasheet HTML 95Page - National Semiconductor (TI) SC2200 Datasheet HTML 96Page - National Semiconductor (TI) SC2200 Datasheet HTML 97Page - National Semiconductor (TI) SC2200 Datasheet HTML 98Page - National Semiconductor (TI) SC2200 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 433 page
background image
Revision 3.0
95
www.national.com
General Configuration Block (Continued)
3.5.2
GX1 Module Core Clock
The core clock is generated by an Analog Delay Loop
(ADL) clock generator from the internal Fast-PCI clock. The
clock can be any whole-number multiple of the input clock
between 4 and 10. Possible values are listed in Table 3-6.
At power-on reset, the core clock multiplier value is set
according to the value of four strapped balls - CLKSEL[3:0]
(EBGA balls AL13, AK3, B27, F3 / TEPBGA balls P30,
D29, AF3, B8). These balls also select the clock which is
used as input to the multiplier, as shown in Table 3-7.
3.5.3
Internal Fast-PCI Clock
The internal Fast-PCI clock can be configured to 33, 48, or
66 MHz via strap options on the CLKSEL1 and CLKSEL0
balls. These can be read in the internal Fast-PCI Clock field
in the CCFC register (GCB+I/O Offset 1Eh[9:8]). (See
Table 3-2 on page 81 details on the CCFC register.)
Table 3-6. Core Clock Frequency
ADL
Multiplier
Value
Internal Fast-PCI Clock Freq. (MHz)
33.334866.67
4
133.3
192
266.7
5
166.7
240
---
6
200
288
---
7
233.3
---
---
8
266.7
---
---
9
300
---
---
10
---
---
---
Table 3-7. Strapped Core Clock Frequency
CLKSEL[3:0]
Straps
Internal Fast-PCI Clock
Freq. (MHz)
(GCB+I/O Offset 1Eh[9:8])
Default ADL Multiplier
Maximum Core
Clock Freq. (MHz)
Multiply By
Multiplier Value
(GCB+I/O Offset 1Eh[3:0])
0111
33.33
4
0100
133
1011
5
0101
167
1111
6
0110
200
0000
7
0111
233
0100
8
1000
267
1000
9
1001
300
1100
10
1010
Reserved
0001
48
4
0100
192
0101
5
0101
240
1001
6
0110
288
1101
7
0111
Reserved
0110
66.67
4
0100
267
1010
5
0101
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com