Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 252 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 252 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 248Page - National Semiconductor (TI) SC2200 Datasheet HTML 249Page - National Semiconductor (TI) SC2200 Datasheet HTML 250Page - National Semiconductor (TI) SC2200 Datasheet HTML 251Page - National Semiconductor (TI) SC2200 Datasheet HTML 252Page - National Semiconductor (TI) SC2200 Datasheet HTML 253Page - National Semiconductor (TI) SC2200 Datasheet HTML 254Page - National Semiconductor (TI) SC2200 Datasheet HTML 255Page - National Semiconductor (TI) SC2200 Datasheet HTML 256Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 433 page
background image
www.national.com
252
Revision 3.0
Core Logic Module (Continued)
5
EXT_SMI5 SMI Enable. When this bit is asserted, allow EXT_SMI5 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 21 (RC) and 13 (RO).
4
EXT_SMI4 SMI Enable. When this bit is asserted, allows EXT_SMI4 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 20 (RC) and 12 (RO).
3
EXT_SMI3 SMI Enable. When this bit is asserted, allow EXT_SMI3 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 19 (RC) and 11 (RO).
2
EXT_SMI2 SMI Enable. When this bit is asserted, allow EXT_SMI2 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 18 (RC) and 10 (RO).
1
EXT_SMI1 SMI Enable. When this bit is asserted, allow EXT_SMI1 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 17 (RC) and 9 (RO).
0
EXT_SMI0 SMI Enable. When this bit is asserted, allow EXT_SMI0 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 16 (RC) and 8 (RO).
Offset 28h-4Fh
Not Used
Reset Value: 00h
Offset
50h-FFh
The I/O mapped registers located here (F1BAR0+I/O Offset 50h-FFh) can also be accessed at F0 Index 50h-FFh. The pre-
ferred method is to program these registers through the F0 register space. Refer to Table 5-29 "F0: PCI Header and Bridge
Configuration Registers for GPIO and LPC Support" on page 199 for more information about these registers.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com