Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 270 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 270 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 266Page - National Semiconductor (TI) SC2200 Datasheet HTML 267Page - National Semiconductor (TI) SC2200 Datasheet HTML 268Page - National Semiconductor (TI) SC2200 Datasheet HTML 269Page - National Semiconductor (TI) SC2200 Datasheet HTML 270Page - National Semiconductor (TI) SC2200 Datasheet HTML 271Page - National Semiconductor (TI) SC2200 Datasheet HTML 272Page - National Semiconductor (TI) SC2200 Datasheet HTML 273Page - National Semiconductor (TI) SC2200 Datasheet HTML 274Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 433 page
background image
www.national.com
270
Revision 3.0
Core Logic Module (Continued)
16
Codec Status Valid. (Read Only) Indicates if the status in bits [15:0] of this register is valid. This bit is high during slots 3 to
11 of the AC97 frame (i.e., for approximately 14.5 µs), for every frame.
0: No.
1: Yes.
15:0
Codec Status. (Read Only) This is the codec status data that is received from the codec in slot 2 on SDATA_IN. Only bits
[19:4] are used from slot 2. If this register is read with both bits 16 and 17 of this register set to 1, this field is updated in the
current AC97 frame, and codec status data is valid. This bit field is updated only if the codec sent status data.
Offset 0Ch-0Fh
Codec Command Register (R/W)
Reset Value: 00000000h
31:24
Codec Command Address. Address of the codec control register for which the command is being sent. This address goes
in slot 1 bits [19:12] on SDATA_OUT.
23:22
Codec Communication. Indicates the codec that the Core Logic module is communicating with.
00: Primary codec
01: Secondary codec
10: Third codec
11: Fourth codec
Only 00 and 01 are valid settings for this bit field.
21:17
Reserved. Must be set to 0.
16
Codec Command Valid. (Read Only) Indicates if the command in bits [15:0] of this register is valid.
0: No.
1: Yes.
This bit is set by hardware when a codec command is written to the Codec Command register. It remains set until the com-
mand has been sent to the codec.
15:0
Codec Command. This is the command being sent to the codec in bits [19:4] of slot 2 on SDATA_OUT.
Offset 10h-11h
Second Level Audio SMI Status Register (RC)
Reset Value: 0000h
The bits in this register contain second level SMI status reporting. Top level is reported at F1BAR0+I/O Offset 00h/02h[1]. Reading this
register clears the status bits at both the second and top levels. Note that bit 0 has a third level of status reporting which also must be
"read to clear".
A read-only “Mirror” version of this register exists at F3BAR0+I/O Memory Offset 12h. If the value of the register must be read without
clearing the SMI source (and consequently deasserting SMI), F3BAR0+Memory Offset 12h can be read instead.
15:8
Reserved. Must be set to 0.
7
Audio Bus Master 5 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 5.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 5 is enabled (F3BAR0+Memory Offset 48h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 5 SMI Status Register (F3BAR0+Memory
Offset 49h[0] = 1).
6
Audio Bus Master 4 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 4.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 4 is enabled (F3BAR0+Memory Offset 40h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 4 SMI Status Register (F3BAR0+Memory
Offset 41h[0] = 1).
5
Audio Bus Master 3 SMI Status. Indicates if an SMI was caused by an event occurring on Audio Bus Master 3.
0: No.
1: Yes.
SMI generation is enabled when Audio Bus Master 3 is enabled (F3BAR0+Memory Offset 38h[0] = 1).
An SMI is then generated when the End of Page bit is set in the Audio Bus Master 3 SMI Status Register (F3BAR0+Memory
Offset 39h[0] = 1).
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com