Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 100Page - National Semiconductor (TI) SC2200 Datasheet HTML 101Page - National Semiconductor (TI) SC2200 Datasheet HTML 102Page - National Semiconductor (TI) SC2200 Datasheet HTML 103Page - National Semiconductor (TI) SC2200 Datasheet HTML 104Page - National Semiconductor (TI) SC2200 Datasheet HTML 105Page - National Semiconductor (TI) SC2200 Datasheet HTML 106Page - National Semiconductor (TI) SC2200 Datasheet HTML 107Page - National Semiconductor (TI) SC2200 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 433 page
background image
www.national.com
104
Revision 3.0
SuperI/O Module (Continued)
Table 4-3 provides the bit definitions for the Standard Con-
figuration registers.
• All reserved bits return 0 on reads, except where noted
otherwise. They must not be modified as such modifica-
tion may cause unpredictable results. Use read-modify-
write to prevent the values of reserved bits from being
changed during write.
• Write only registers should not use read-modify-write
during updates.
Table 4-3. Standard Configuration Registers
Bit
Description
Index 07h
Logical Device Number (R/W)
This register selects the current logical device. See Table 4-2 for valid numbers. All other values are reserved.
7:0
Logical Device number.
Index 20h-2Fh
SIO Configuration (R/W)
SIO configuration and ID registers. See Section 4.4.1 "SIO Control and Configuration Registers" on page 106 for register/bit details.
Index 30h
Activate (R/W)
7:1
Reserved.
0
Logical Device Activation Control.
0:
Disable
1:
Enable
Index 60h
I/O Port Base Address Bits [15:8] Descriptor 0 (R/W)
7:0
Descriptor 0 A[15:8]. Selects I/O lower limit address bits [15:8] for I/O Descriptor 0.
Index 61h
I/O Port Base Address Bits [7:0] Descriptor 0 (R/W)
7:0
Descriptor 0 A[7:0]. Selects I/O lower limit address bits [7:0] for I/O Descriptor 0.
Index 62h
I/O Port Base Address Bits [15:8] Descriptor 1 (R/W)
7:0
Descriptor 1 A[15:8]. Selects I/O lower limit address bits [15:8] for I/O Descriptor 1.
Index 63h
I/O Port Base Address Bits [7:0] Descriptor 1 (R/W)
7:0
Descriptor 1 A[7:0]. Selects I/O lower limit address bits [7:0] for I/O Descriptor 1.
Index 70h
Interrupt Number (R/W)
7:4
Reserved.
3:0
Interrupt Number. These bits select the interrupt number. A value of 1 selects IRQ1, a value of 2 selects IRQ2, etc. (up to
IRQ12).
Note: IRQ0 is not a valid interrupt selection.
Index 71h
Interrupt Request Type Select (R/W)
Selects the type and level of the interrupt request number selected in the previous register.
7:2
Reserved.
1
Interrupt Level Requested. Level of interrupt request selected in previous register.
0:
Low polarity.
1:
High polarity.
This bit must be set to 1 (high polarity), except for IRQ8#, that must be low polarity.
0
Interrupt Type Requested. Type of interrupt request selected in previous register.
0:
Edge.
1:
Level.
Index 74h
DMA Channel Select 0 (R/W)
Selects selected DMA channel for DMA 0 of the logical device (0 - the first DMA channel in case of using more than one DMA channel).
7:3
Reserved.
2:0
DMA 0 Channel Select. This bit field selects the DMA channel for DMA 0.
The valid choices are 0-3, where a value of 0 selects DMA channel 0, 1 selects channel 1, etc.
A value of 4 indicates that no DMA channel is active.
Values 5-7 are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com