Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 127Page - National Semiconductor (TI) SC2200 Datasheet HTML 128Page - National Semiconductor (TI) SC2200 Datasheet HTML 129Page - National Semiconductor (TI) SC2200 Datasheet HTML 130Page - National Semiconductor (TI) SC2200 Datasheet HTML 131Page - National Semiconductor (TI) SC2200 Datasheet HTML 132Page - National Semiconductor (TI) SC2200 Datasheet HTML 133Page - National Semiconductor (TI) SC2200 Datasheet HTML 134Page - National Semiconductor (TI) SC2200 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 433 page
background image
Revision 3.0
131
www.national.com
SuperI/O Module (Continued)
4.7.3
Acknowledge (ACK) Cycle
The ACK cycle consists of two signals: the ACK clock pulse
sent by the master with each byte transferred, and the ACK
signal sent by the receiving device (see Figure 4-15).
The master generates the ACK clock pulse on the ninth
clock pulse of the byte transfer. The transmitter releases
the ABD line (permits it to go high) to allow the receiver to
send the ACK signal. The receiver must pull down the ABD
line during the ACK clock pulse, signalling that it has cor-
rectly received the last data byte and is ready to receive the
next byte. Figure 4-16 illustrates the ACK cycle.
Figure 4-15. ACCESS.bus Data Transaction
Figure 4-16. ACCESS.bus Acknowledge Cycle
S
P
Start
Condition
Stop
Condition
ABD
ABC
MSB
ACK
ACK
12 3-6
7
8
9
1
23 - 8
9
Acknowledge
Signal From Receiver
Byte Complete
Interrupt Within
Receiver
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
S
Start
Condition
ABC
12 3-6
7
8
9
Transmitter Stays Off Bus
During Acknowledge Clock
Acknowledge
Signal From Receiver
Data Output
by Transmitter
Data Output
by Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com