Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 132Page - National Semiconductor (TI) SC2200 Datasheet HTML 133Page - National Semiconductor (TI) SC2200 Datasheet HTML 134Page - National Semiconductor (TI) SC2200 Datasheet HTML 135Page - National Semiconductor (TI) SC2200 Datasheet HTML 136Page - National Semiconductor (TI) SC2200 Datasheet HTML 137Page - National Semiconductor (TI) SC2200 Datasheet HTML 138Page - National Semiconductor (TI) SC2200 Datasheet HTML 139Page - National Semiconductor (TI) SC2200 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 433 page
background image
www.national.com
136
Revision 3.0
SuperI/O Module (Continued)
1
MASTER. (RO)
0: Arbitration loss (BER, bit 5, is set) or recognition of a Stop Condition.
1: Bus master request succeeded and master mode active.
0
XMIT (Transmit). (RO) Direction bit.
0: Master/slave transmit mode not active.
1: Master/slave transmit mode active.
Offset 02h
ACB Control Status Register - ACBCST (R/W)
Reset Value: 00h
This register configures and controls the ACB functional block. It maintains the current ACB status and controls several ACB functions.
On reset and when the ACB is disabled, the non-reserved bits of ACBCST are cleared.
7:6
Reserved.
5
TGABC (Toggle ABC Line). (R/W) Enables toggling the ABC line during error recovery.
0: Clock toggle completed.
1: When the ABD line is low, writing 1 to this bit toggles the ABC line for one cycle. Writing 1 to TGABC while ABD is high
is ignored.
4
TSDA (Test ABD Line). (RO) Reads the current value of the ABD line. It can be used while recovering from an error condi-
tion in which the ABD line is constantly pulled low by an out-of-sync slave. Data written to this bit is ignored.
3
GCMTCH (Global Call Match). (RO)
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition).
1: In slave mode, ACBCTL1.GCMEN is set and the address byte (the first byte transferred after a Start Condition) is 00h.
2
MATCH (Address Match). (RO)
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition).
1: ACBADDR[7] is set and the first 7 bits of the address byte (the first byte transferred after a Start Condition) match the 7-
bit address in ACBADDR.
1
BB (Bus Busy). (R/W1C)
0: Writing 1, ACB disabled, or Stop Condition detected.
1: Bus active (a low level on either ABD or ABC), or Start Condition.
0
BUSY. (RO) This bit should always be written 0. This bit indicates the period between detecting a Start Condition and com-
pleting receipt of the address byte. After this, the ACB is either free or enters slave mode.
0: Completion of any state below or ACB disabled.
1: ACB is in one of the following states:
-Generating a Start Condition
-Master mode (ACBST[1] is set)
-Slave mode (ACBCST[2] or ACBCST[3] set).
Offset 03h
ACB Control Register 1 - ACBCTL1 (R/W)
Reset Value: 00h
7
STASTRE (Stall After Start Enable).
0: When cleared, ACBST[3] can not be set. However, if ACBST[3] is set, clearing STASTRE does not clear ACBST[3].
1: Stall after start mechanism enabled, and ACB stalls the bus after the address byte.
6
NMINTE (New Match Interrupt Enable).
0: No interrupt issued on a new match.
1: Interrupt issued on a new match only if ACBCTL1[2] set.
5
GCMEN (Global Call Match Enable).
0: Global call match disabled.
1: Global call match enabled.
4
ACK (Acknowledge). This bit is ignored in transmit mode. When the device acts as a receiver (slave or master), this bit
holds the stop transmitting instruction that is transmitted during the next acknowledge cycle.
0: Cleared after acknowledge cycle.
1: Negative acknowledge issued on next received byte.
3
Reserved.
Table 4-32.
ACB Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com