Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 158Page - National Semiconductor (TI) PC87338 Datasheet HTML 159Page - National Semiconductor (TI) PC87338 Datasheet HTML 160Page - National Semiconductor (TI) PC87338 Datasheet HTML 161Page - National Semiconductor (TI) PC87338 Datasheet HTML 162Page - National Semiconductor (TI) PC87338 Datasheet HTML 163Page - National Semiconductor (TI) PC87338 Datasheet HTML 164Page - National Semiconductor (TI) PC87338 Datasheet HTML 165Page - National Semiconductor (TI) PC87338 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 221 page
background image
162
www.national.com
5.14.7 MSR – Modem Status Register
The function of this register depends on the selected
operational mode. When UART Mode is selected, this
register provides the current-state as well as state-
change information of the status lines from the MO-
DEM or Data Set. When any one of the Infrared
Modes is selected, the register function is controlled
by the setting of the IRMSSL bit in the IRCR2 register.
If IRMSSL is 0, the MSR register works the same as
in UART mode. If IRMSSL is 1, the MSR register re-
turns the value 30h, regardless of the state of the MO-
DEM input lines.
In Loopback mode, the MSR register works similarly
except that its status inputs are internally driven by
appropriate bits in the MCR register since the MO-
DEM input lines are internally disconnected. Refer to
the sections describing the MCR and EXCR1 register
for more information.
A description of the various bits of MSR, with Loop-
back disabled and UART Mode selected, is provided
below. When any of the bits 0 to 3 is set to 1, a Mo-
dem Status Interrupt is generated. Bits 0 to 3 are set
to 0 when any of the following events occurs.
1. Hardware reset.
2. The MSR register is read.
3. The operational mode is changed and the
IRMSSL bit is 0.
Note: The modem status lines have no effect on
transmitter and receiver operation. They can be used
as general purpose inputs.
FIGURE 88. Modem Status Register
5.14.8 SPR/ASCR – Scratchpad/Auxiliary
Status and Control Register
These registers share the same address.
SPR–Scratchpad Register.
This register is accessed when the module is in non-
extended mode.
It does not control the module in any way, and is in-
tended to be used by the programmer to hold data
temporarily.
ASCR–Auxiliary Status and Control Register.
This register is accessed when the extended mode of
operation is selected.
All the ASCR bits are cleared when a hardware reset
occurs or when the operational mode changes.
Bits 2 and 6 are cleared when the transmitter is soft
reset.
Bits 0, 1, 4 and 5 are cleared when the receiver is soft
reset.
The format of ASCR is shown in Figure 88.
FIGURE 88. Auxillary Status and Control
Register
B0 DCTS – Delta Clear to Send.
Set to 1 when the CTS input changes state.
Cleared upon read.
B1 DDSR – Delta Data Set Ready.
Set to 1 when the DSR input changes state.
Cleared upon read.
B2 TERI – Ring Indicator Trailing Edge.
Set to 1 when the RI input changes from a low
state to a high state.
7
654
321
0
Reset
Required
0
0
0
0
X
X
X
X
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Cleared upon read.
B3 DDCD – Delta Data Carrier Detect.
Set to 1 when the DCD input changes state.
Cleared upon read.
B4 CTS – Clear to Send.
This bit returns the complement of the CTS input.
B5 DSR – Data Set Ready.
This bit returns the complement of the DSR input.
B6 RI – Ring Indicator.
This bit returns the complement of the RI input.
B7 DCD – Data Carrier Detect.
This bit returns the complement of the DCD input.
B0 RXF_TOUT – RX_FIFO Time-out.
This bit is read-only, and is set to 1 when an
RX_FIFO Time-out occurs.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
TX
RXBSY / RXACT
TXUR
PLD/CTE
S_EOT
LOST_FR / RXWDG
RXF_TOUT
FEND_INF
0
TXHFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com