Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 157Page - National Semiconductor (TI) PC87338 Datasheet HTML 158Page - National Semiconductor (TI) PC87338 Datasheet HTML 159Page - National Semiconductor (TI) PC87338 Datasheet HTML 160Page - National Semiconductor (TI) PC87338 Datasheet HTML 161Page - National Semiconductor (TI) PC87338 Datasheet HTML 162Page - National Semiconductor (TI) PC87338 Datasheet HTML 163Page - National Semiconductor (TI) PC87338 Datasheet HTML 164Page - National Semiconductor (TI) PC87338 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 221 page
background image
161
www.national.com
Cleared when the CPU reads all the data in the
Holding Register or in the RX_FIFO.
B1
UART, Sharp-IR, SIR, CEIR Modes
OE – Overrun Error.
This bit is set to 1 as soon as an overrun condition
is detected by the receiver.
Cleared upon read.
FIFOs Disabled: An overrun occurs when a new
character is completely received into the receiver
front-end section and the CPU has not yet read
the previous character in the receiver holding reg-
ister. The new character is discarded, and the re-
ceiver holding register is not affected.
FIFOs Enabled: An overrun occurs when a new
character is completely received into the receiver
front-end section and the RX_FIFO is full.
The new
character
is
discarded,
and
the
RX_FIFO is not affected.
MIR, FIR Modes
OE – Overrun Error.
An overrun occurs when a new character is com-
pletely received into the receiver front-end sec-
tion and the RX_FIFO or the ST_FIFO is full.
The new
character
is
discarded,
and
the
RX_FIFO is not affected.
Cleared upon read.
B2
UART, Sharp-IR, SIR Modes
PE – Parity Error.
This bit is set to 1 if the received character did not
have the correct parity, as selected by the parity
control bits in the LCR register.
If the FIFOs are enabled, the Parity Error condi-
tion will be associated with the particular charac-
ter in the RX_FIFO it applies to.
In which case, the PE bit is set when the charac-
ter reaches the bottom of the RX_FIFO.
Cleared upon read.
MIR, FIR Modes
BAD_CRC – CRC Error.
Set to 1 when a mismatch between the received
CRC and the receiver-generated CRC is detect-
ed, and the last byte of the received frame has
reached the bottom of the RX_FIFO.
Cleared upon read.
B3
UART, Sharp-IR, SIR Modes
FE – Framing Error.
This bit indicates that the received character did
not have a valid stop bit.
It is set to 1 when the stop bit is detected as a log-
ic 0.
If the FIFOs are enabled, the Framing Error con-
dition will be associated with the particular char-
acter in the RX_FIFO it applies to.
In which case, the FE bit is set when the charac-
ter reaches the bottom of the RX_FIFO.
After a Framing Error is detected, the receiver will
try to resynchronize.
If the bit following the stop bit position is 0, the re-
ceiver assumes it to be a valid start bit and the
next character is shifted in.
If that bit is 1, the receiver will enter the idle state
looking for the next start bit.
Cleared upon read.
MIR Mode
PHY_ERR – Physical Layer Error.
Set to 1 when an abort condition is detected dur-
ing the reception of a frame, and the last byte of
the frame has reached the bottom of the
RX_FIFO.
Cleared upon read.
FIR Mode
PHY_ERR – Physical Layer Error.
Set to 1 when an encoding error or the sequence
BOF-data-BOF is detected (missing EOF) during
the reception of a frame, and the last byte of the
frame has reached the bottom of the RX_FIFO.
Cleared upon read.
B4
UART, Sharp-IR, SIR Modes
BRK – Break Event Detected.
Set to 1 when a sequence of logic 0 bits, equal or
longer than a full character transmission, is re-
ceived.
If the FIFOs are enabled, the Break condition will
be associated with the particular character in the
RX_FIFO it applies to.
In which case, the BRK bit is set when the char-
acter reaches the bottom of the RX_FIFO. When
a Break occurs only one zero character is trans-
ferred to the receiver holding register or to the
RX_FIFO.
The next character transfer takes place after at
least one logic 1 bit is received followed by a valid
start bit. Cleared upon read.
MIR, FIR Modes
MAX_LEN – Maximum Length.
Set to 1 when a frame exceeding the maximum
length has been received, and the last byte of the
frame has reached the bottom of the RX_FIFO.
Cleared upon read.
B5 TXRDY – Transmitter Ready.
This bit is set to 1 when the Transmitter Holding
Register or the TX_FIFO is empty.
It is cleared when a data character is written to
the TXD port.
B6 TXEMP – Transmitter Empty.
Set to 1 when the Transmitter is empty. The
transmitter empty condition occurs when the
Holding Register or the TX_FIFO is empty, and
the transmitter front-end is idle.
B7
UART, Sharp-IR, SIR Modes
ER_INF – Error in RX_FIFO.
Set to 1 when at least one character with a PE,
FE or BRK condition is in the RX_FIFO.
This bit is always 0 in 16450 mode.
MIR, FIR Modes
FR_END – Frame End.
Set to 1 when the last byte (Frame End Byte) of a
received frame reaches the bottom of the
RX_FIFO.
Cleared upon read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com