Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 153Page - National Semiconductor (TI) PC87338 Datasheet HTML 154Page - National Semiconductor (TI) PC87338 Datasheet HTML 155Page - National Semiconductor (TI) PC87338 Datasheet HTML 156Page - National Semiconductor (TI) PC87338 Datasheet HTML 157Page - National Semiconductor (TI) PC87338 Datasheet HTML 158Page - National Semiconductor (TI) PC87338 Datasheet HTML 159Page - National Semiconductor (TI) PC87338 Datasheet HTML 160Page - National Semiconductor (TI) PC87338 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 221 page
background image
157
www.national.com
FCR – FIFO Control Register Write Only
Used to enable the FIFOs, clear the FIFOs and set
the interrupt threshold levels.
Upon reset, all bits are set to 0.
FIGURE 88. FIFO Control Register
TABLE 76. TX_FIFO Level Selection
TABLE 77. RX_FIFO Level Selection
5.14.4 LCR/BSR – Link Control/Bank
Select Register
These registers share the same address.
The Link Control Register (LCR) is used to select the
communications format for data transfers in UART,
Sharp-IR and SIR modes.
The Bank select register (BSR) is used to select the
register bank to be accessed next.
When the CPU performs a read cycle from this ad-
dress location, the BSR content is returned. The con-
tent of LCR is returned when the CPU reads the
SH_LCR register in bank 3.
During CPU write cycles, the setting of bit 7 (BKSE,
bank select enable) determines the register to be ac-
cessed.
If bit 7 is 0, both LCR and BSR are written into. If bit 7
is 1, only BSR is written into, and LCR is not affected.
This prevents the communications format from being
spuriously affected when a bank other than bank 0 is
accessed. Upon reset, all bits are set to 0.
LCR – Link Control Register
The Format of LCR is shown in Figure 88.
B0
FIFO_EN – Enable FIFOs.
When set to 1, both TX_FIFO and RX_FIFO
are enabled.
In MIR, FIR and CEIR modes, the FIFOs are
always enabled, and the setting of this bit is ig-
nored.
B1
RXSR – Receiver Soft Reset.
Writing a 1 to this bit position generates a re-
ceiver soft reset, whereby the receiver logic as
well as the RX_FIFO are both cleared.
This bit is automatically cleared by the hard-
ware.
B2
TXSR – Transmitter Soft Reset.
Writing a 1 to this bit position generates a
transmitter soft reset, whereby the transmitter
logic as well as the TX_FIFO are both cleared.
This bit is automatically cleared by the hard-
ware.
B3
Reserved.
Write 0.
B5–4 TXFTH [1–0] – TX_FIFO Interrupt Thresh-
old.
In non-extended mode, these bits have no ef-
fect, regardless of the values written into them.
In extended mode, these bits select the
TX_FIFO interrupt threshold level.
An interrupt is generated when the TX_FIFO
level drops below the threshold.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
TXSR
TXFTH0
TXFTH1
RXFTH0
RXFTH1
FIFO_EN
RXSR
Reserved
TXFTH (Bits 5-4)
TX_FIF0 Tresh.
(16 Levels)
TX_FIF0
Tresh.
(32 Levels)
00(Default)
1
1
01
3
7
10
9
17
11
13
25
B7–6 RXFTH [1–0] – RX_FIFO Interrupt Thresh-
old.
These bits select the RX_FIFO interrupt
threshold level.
An interrupt is generated when the RX_FIFO
level is equal to or above the threshold.
RXFTH
(Bits 7-6)
RX_FIF0
Tresh.
(16 Levels)
RX_FIF0 Tresh.
(32 Levels)
00(Default)
1
1
01
4
8
10
8
16
11
14
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com