Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 151Page - National Semiconductor (TI) PC87338 Datasheet HTML 152Page - National Semiconductor (TI) PC87338 Datasheet HTML 153Page - National Semiconductor (TI) PC87338 Datasheet HTML 154Page - National Semiconductor (TI) PC87338 Datasheet HTML 155Page - National Semiconductor (TI) PC87338 Datasheet HTML 156Page - National Semiconductor (TI) PC87338 Datasheet HTML 157Page - National Semiconductor (TI) PC87338 Datasheet HTML 158Page - National Semiconductor (TI) PC87338 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 221 page
background image
155
www.national.com
Non-Extended Mode
The function of EIR is the same as in the 16550. It re-
turns an encoded value representing the highest pri-
ority pending interrupt. While a CPU access is
occurring, the module records new interrupts, but it
does not change the currently encoded value until the
access is complete. Table 75 shows the interrupt pri-
orities and the EIR encoded values.
FIGURE 88. Event Identification Register,
Non-Extended Mode
TABLE 75. Non-Extended Mode Interrupt Priorities
Extended Mode
The EIR register does not return an encoded value
like in the non-extended mode. Each bit represents an
event flag and is set to 1 when the corresponding
event occurred or is pending, regardless of the setting
of the corresponding bit in the IER register. Bit 4 is
cleared when this register is read if an 8237 type DMA
controller is used. All other bits are cleared when the
corresponding interrupts are acknowledged.
76
54
32
10
Reset
Required
1
0
0
0
0
0
0
0
0
0
IPR1
FEN0
FEN1
IPF
IPR0
RXFT
Reserved
Reserved
B0
IPF – Interrupt Pending Flag.
When this bit is 0, an interrupt is pending.
When it is 1, no interrupt is pending.
B2–1 IPR [1–0] – Interrupt Priority.
When bit 0 is 0, these bits identify the highest
priority pending interrupt.
B3
RXFT – RX_FIFO Time-out.
In the 16450 mode this bit is always 0.
In the 16550 mode (FIFOs enabled), this bit is
set when an RX_FIFO time-out occurred and
the associated interrupt is currently the highest
priority pending interrupt.
B5–4 These bits always return 0.
B7–6 FEN [1–0] – FIFOs Enabled.
These bits are set to 1 when the FIFOs are en-
abled (bit 0 of FCR set to 1).
EIR
Bits
3 2 1 0
Priority
Level
Interrupt
Type
Interrupt Source
Interrupt Reset Control
0 0 0 1
N/A
None
None
N/A
0 1 1 0
Highest
Link Status Parity error, framing error, data over-run
or break event
Reading LSR Register
0 1 0 0
Second
Receiver
High-Data-
Level Event
Receiver Holding Register (RXD) full, or
RX_FIFO level equal to or above
threshold
Reading the RXD port, or
RX_FIFO level drops below
threshold
1 1 0 0
Second
RX_FIFO
Time-Out
At least one character in RX_FIFO, and
no character has been input to or read
from the RX_FIFO for 4 character times
Reading the RXD port
0 0 1 0
Third
Transmitter
Low-Data-
Level Event
Transmitter Holding Register or
TX_FIFO empty
Reading the EIR Register if this
interrupt is currently the highest
priority pending interrupt, or
writing into the TXD port
0 0 0 0
Fourth
Modem
Status
Any transition on CTS, DSR, or DCD, or
a low-to-high transition on RI
Reading the MSR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com