Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 148Page - National Semiconductor (TI) PC87338 Datasheet HTML 149Page - National Semiconductor (TI) PC87338 Datasheet HTML 150Page - National Semiconductor (TI) PC87338 Datasheet HTML 151Page - National Semiconductor (TI) PC87338 Datasheet HTML 152Page - National Semiconductor (TI) PC87338 Datasheet HTML 153Page - National Semiconductor (TI) PC87338 Datasheet HTML 154Page - National Semiconductor (TI) PC87338 Datasheet HTML 155Page - National Semiconductor (TI) PC87338 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 221 page
background image
152
www.national.com
In order to avoid spurious fallbacks, baud generator
divisor ports are provided in bank 2. Accesses of the
baud generator divisor through these ports will
change the baud rate setting but will not cause a fall
back.
New programs, designed to take advantage of the ex-
tended features, should not use LBGD(L) and LB-
GD(H) to change the baud rate. They should use
BGD(L) and BGD(H) instead.
A fallback can occur from either extended or non-ex-
tended modes. If extended mode is selected, fallback
is always enabled. In this case, when a fallback oc-
curs, the following happens:
1. Transmitter and receiver FIFOs will switch to 16
levels.
2. A value of 13 will be selected for the baud genera-
tor prescaler.
3. The ETDLBK and BTEST bits in the EXCR1 Reg-
ister will be cleared.
4. UART mode will be selected.
5. A switch to non-extended mode will occur.
When a fallback occurs from non-extended mode,
only the first three of the above actions will take place.
No switching to UART mode occurs if either Sharp_IR
or SIR infrared modes were selected. This prevents
spurious switchings to UART mode when a legacy
program, running in infrared mode, accesses the
baud generator divisor register from bank 1.
Fallback from non-extended mode can be disabled by
setting the LOCK bit in the EXCR2 register. When
Lock is set to 1 and the module is in non-extended
mode, two scratchpad registers overlayed with LB-
GD(L) and LBGD(H) are enabled. Any attempted
CPU access of the baud generator divisor register
through LBGD(L) and LBGD(H) will access the
scratchpad registers, and the baud rate setting will not
be affected. This feature allows existing legacy pro-
grams to run faster than 115.2 kbaud without their be-
ing aware of it.
5.11 PIPELINING
This feature is designed to support the IrDA infrared
modes and it allows minimization of the time delay
from the end of a negotiation phase to the subsequent
data transfer phase.
The module accomplishes this objective by automati-
cally selecting a new mode and/or loading new values
into the baud generator divisor register as soon as the
current data transmission completes and the trans-
mitter becomes empty. The new operational mode
and the baud divisor value are programmed into spe-
cial pipeline registers.
Pipelining is automatically disabled after a pipeline
operation takes place. It should be re-enabled by the
software after the special pipeline registers have
been reloaded.
Even though there are no other restrictions between
source and target modes, aside from having to be
IrDA modes, pipelining will most likely be used from
SIR as the source mode, since SIR is the mode used
by the negotiation procedures in the presently defined
IrDA protocols.
Following a pipeline operation, the transmitter will be
halted for 250
µs to allow the newly selected receive
filter in the remote optical transceiver to stabilize. If a
switch from either MIR or FIR to SIR occurred as a re-
sult of pipelining, the transmitter will be halted for 250
µs or a character time (at the newly selected baud
rate), whichever is greater. This is to guarantee that
reception at a remote station of any character trig-
gered by an interaction pulse is complete before the
next SIR data transmission begins.
Since a pipelining operation is performed without soft-
ware intervention, automatic transceiver configuration
must be enabled.
5.12 OPTICAL TRANSCEIVER
INTERFACE
The PC97338 implements a very flexible interface for
the external infrared transceiver. Several signals are
provided for this purpose. A transceiver module with
one or two receive signals, or two transceiver mod-
ules can be directly interfaced without any additional
logic.
Since various operational modes are supported, the
transmitter power as well as the receiver filter in the
transceiver module must be configured according to
the selected mode.
The PC97338 provides three special interface pins
ID/IRSL[2–0] to control the infrared transceiver. The
logic levels of the ID/IRSL[2–0] pins can be either di-
rectly controlled by the software (through the setting
of bits 2–0 in the IRCFG1 register), or can be auto-
matically selected by the module whenever a new
mode is entered.
The automatic transceiver configuration is enabled by
setting the AMCFG bit in the IRCFG4 register to 1.
One of its advantages is that it allows the low-level
functional details of the transceiver module being
used to be hidden from the software drivers. It also
speeds up the transceiver mode selection, and it must
be enabled if the pipelining feature is to be used.
The operational mode settings for the automatic con-
figuration are determined by various bit fields in the
IRCFGn registers that must be programmed when the
module is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com