Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 145Page - National Semiconductor (TI) PC87338 Datasheet HTML 146Page - National Semiconductor (TI) PC87338 Datasheet HTML 147Page - National Semiconductor (TI) PC87338 Datasheet HTML 148Page - National Semiconductor (TI) PC87338 Datasheet HTML 149Page - National Semiconductor (TI) PC87338 Datasheet HTML 150Page - National Semiconductor (TI) PC87338 Datasheet HTML 151Page - National Semiconductor (TI) PC87338 Datasheet HTML 152Page - National Semiconductor (TI) PC87338 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 221 page
background image
149
www.national.com
5.6.2
High Speed Infrared Receive
Operation
When the receiver front-end detects an incoming
frame, it will start de-serializing the infrared bit stream
and load the resulting data bytes into the RX_FIFO.
When the EOF is detected, two or four CRC bytes are
appended to the received data, and an EOF flag is
written into the tag section of the RX_FIFO along with
the last byte. In the present implementation, the CRC
bytes are always transferred to the RX_FIFO follow-
ing the data. Additional status information, related to
the received frame, is also written into the RX_FIFO
tag section at this time. The status information will be
loaded into the LSR register when the last frame byte
reaches the RX_FIFO bottom.
The receiver keeps track of the number of received
bytes from the beginning of the current frame. It will
only transfer to the RX_FIFO a number of bytes not
exceeding the maximum frame length value which is
programmed via the RFRML register in bank 4. Any
additional frame bytes will be discarded. When the
maximum frame length value is exceeded, the
MAX_LEN error flag will be set.
Although data transfers from the RX_FIFO to memory
can be performed either in PIO or DMA mode, DMA
mode should be used due to the high data rates.
In order to handle back-to-back incoming frames,
when DMA mode is selected and an 8237 type DMA
controller is used, an 8-level ST_FIFO (Status FIFO)
is provided. When an EOF is detected, in 8237 DMA
mode, the status and byte count information for the
frame is written into the ST_FIFO. An interrupt is gen-
erated when the ST_FIFO level reaches a pro-
grammed threshold or an ST_FIFO time-out occurs.
The CPU uses this information to locate the frame
boundaries in the memory buffer where the data, be-
longing to the received frames, has been transferred
by the 8237 type DMA controller.
During reception of multiple frames, if the RX_FIFO
and/or the ST_FIFO fills up, due to the DMA controller
or CPU not serving them in time, one or more frames
can be crushed and lost. This means that no bytes be-
longing to these frames were written to the RX_FIFO.
In fact, a frame will be lost in 8237 mode when the
ST_FIFO is full for the entire time during which the
frame is being received, even though there were emp-
ty locations in the RX_FIFO. This is because no data
bytes can be loaded into the RX_FIFO and then trans-
ferred to memory by the DMA controller, unless there
is at least one available entry in the ST_FIFO to store
the number of received bytes. This information, as
mentioned before, is needed by the software to locate
the frame boundaries in the DMA memory buffer.
In the event that a number of frames are lost, for any
of the reasons mentioned above, one or more lost-
frame indications including the number of lost frames,
are loaded into the ST_FIFO.
Frames can also be lost in PIO mode, but only when
the RX_FIFO is full. The reason being that, in these
cases, the ST_FIFO is only used to store lost-frame
indications. It will not store frame status and byte
count.
5.7
CONSUMER ELECTRONIC IR
(CEIR) MODE
The CEIR circuitry is designed to optimally support all
the major protocols presently used in remote-con-
trolled home entertainment equipment. The main pro-
tocols currently in use are: RC-5, RC-6, RECS 80,
NEC and RCA. The PC87108, in conjunction with an
external optical module, provides the physical layer
functions necessary to support these protocols.
These functions include modulation, demodulation,
serialization, de-serialization, data buffering, status
reporting, interrupt generation, etc. The software is re-
sponsible for the generation of the infrared code to be
transmitted, and for the interpretation of the received
code.
5.7.1
CEIR Transmit Operation
The code to be transmitted consists of a sequence of
bytes that represent either a bit string or a set of run-
length codes. The number of bits or run-length codes
usually needed to represent each infrared code bit de-
pends on the infrared protocol used. The RC-5 proto-
col, for example, needs two bits or between one and
two run-length codes to represent each infrared code
bit.
CEIR transmission starts when the transmitter is emp-
ty and either the CPU or the DMA controller writes
code bytes into the TX_FIFO. The transmission is
normally completed when the CPU sets the S_EOT
bit in the ASCR register before writing the last byte, or
when the DMA controller activates the TC signal.
Transmission is also completed if the CPU simply
stops transferring data and the transmitter becomes
empty. In this case however, a transmitter underrun
condition will be generated. The underrun must be
cleared before the next transmission can occur. The
code bytes written into the TX_FIFO are either de-se-
rialized or run-length decoded, and the resulting bit
string is modulated by a subcarrier signal and sent to
the transmitter LED. The bit rate of this bit string, like
in the UART mode, is determined by the value pro-
grammed in the baud generator divisor register. Un-
like a UART transmission, start, stop and parity bits
are not included in the transmitted data stream. A log-
ic 1 in the bit string will keep the LED off, so no infra-
red signal is transmitted. A logic 0 will generate a
sequence of modulating pulses which will turn on the
transmitter LED. Frequency and pulse width of the
modulating pulses are programmed by the MCFR and
MCPW bits in the IRTXMC register as well as the
TXHSC bit in the RCCFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com