Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 149Page - National Semiconductor (TI) PC87338 Datasheet HTML 150Page - National Semiconductor (TI) PC87338 Datasheet HTML 151Page - National Semiconductor (TI) PC87338 Datasheet HTML 152Page - National Semiconductor (TI) PC87338 Datasheet HTML 153Page - National Semiconductor (TI) PC87338 Datasheet HTML 154Page - National Semiconductor (TI) PC87338 Datasheet HTML 155Page - National Semiconductor (TI) PC87338 Datasheet HTML 156Page - National Semiconductor (TI) PC87338 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 221 page
background image
153
www.national.com
The ID/IR_SL[2–0] pins will power up as inputs and
can be driven by an external source. When in input
mode, they can be used to read the identification data
of Plug-n-Play infrared adapters.
The ID0/IRSL0/IRRX2 pin can also function as an in-
put to support an additional infrared receive signal. In
this case, however, only two configuration pins will be
available. The IRSL0_DS and IRSL21_DS bits in the
IRCFG4 register determine the direction of the
ID/IRSL[2–0] pins.
5.13 ARCHITECTURAL DESCRIPTION
Eight register banks are provided to control the oper-
ation of the UIR module. These banks are mapped
into the same address range, and only the selected
bank is directly accessible by the software. The ad-
dress range spans 8 byte locations. The BSR register
is used to select the bank and is common to all banks.
Therefore, each bank defines seven new registers.
The register banks can be divided into two sets.
Banks 0–3 are used to control both UART and infra-
red modes of operation; banks 4–7 are used to control
and configure the infrared modes only. The register
bank main functions are listed in Table 73. Descrip-
tions of the various registers are given in the following
sections.
FIGURE 88. Register Bank Architecture
TABLE 73. Register Bank Summary
5.14 BANK 0
TABLE 74. Bank 0 Serial Controller Base Regis-
ters þ
5.14.1 TXD/RXD – Transmit/Receive Data
Ports
These ports share the same address.
TXD is accessed during CPU write cycles. It provides
the write data path to the transmitter holding register
when the FIFOs are disabled, or to the TX_FIFO top
location when the FIFOs are enabled.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks
Bank
UART
Mode
IR
Mode
Description
0

Global Control and Status
Registers
1

Legacy Bank
2

Baud Generator Divisor and
Extended Control
3

Identification and Shadow
Registers
4

Timer and Counters
5

Infrared Control and Status
FIFO
6

Infrared Physical Layer
Configuration
7

CEIR and Optical
Transceiver Configuration
Address
Offset
Register
Name
Description
00h
TXD/
RXD
Transmitter/Receiver Data Ports
01h
IER
Interrupt Enable Register
02h
EIR/
FCR
Event Identification/
FIFO Control Registers
03h
LCR/
BSR
Link Control/Bank Select
Registers
04h
MCR
Modem/Mode Control Register
05h
LSR
Link Status Register
06h
MSR
Modem Status Register
07h
SPR/
ASCR
Scratchpad/ Auxiliary Status
and Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com