Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 177Page - National Semiconductor (TI) PC87338 Datasheet HTML 178Page - National Semiconductor (TI) PC87338 Datasheet HTML 179Page - National Semiconductor (TI) PC87338 Datasheet HTML 180Page - National Semiconductor (TI) PC87338 Datasheet HTML 181Page - National Semiconductor (TI) PC87338 Datasheet HTML 182Page - National Semiconductor (TI) PC87338 Datasheet HTML 183Page - National Semiconductor (TI) PC87338 Datasheet HTML 184Page - National Semiconductor (TI) PC87338 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 221 page
background image
181
www.national.com
IRCFG3—Infrared Interface Configuration 3
This register holds the transceiver configuration data
for Low-Speed and High-Speed CEIR Modes.
FIGURE 88. Infrared Configuration Register 3
IRCFG4 – Infrared Interface Configuration 4
This register is used to configure the receiver data
path and enable the automatic selection of the config-
uration pins. After reset, the content of this register is
0.
FIGURE 88. Infrared Configuration Register 4
They are unused when AMCFG is 0 or when
the ID/IRSL [2–0] pins are programmed as in-
puts.
Upon read, these bits return the values previ-
ously written.
B3
Reserved.
Write 0.
B6–4 FIRC [2–0] – FIR Mode Transceiver Config-
uration.
These bits will drive the ID/IRSL [2–0] pins
when AMCFG is 1 and FIR Mode is selected.
They are unused when AMCFG is 0 or when
the ID/IRSL [2–0] pins are programmed as in-
puts.
Upon read, these bits return the values previ-
ously written.
B7
Reserved.
Write 0.
B2–0 RCLC [2–0] – CEIR Mode Transceiver Con-
figuration, Low-Speed.
These bits will drive the ID/IRSL[2–0] pins
when AMCFG is 1 and CEIR Mode with 30
kHz–56 kHz receiver subcarrier frequency is
selected.
They are unused when AMCFG is 0 or when
the ID/IRSL[2–0] pins are programmed as in-
puts.
Upon read, these bits return the values previ-
ously written.
B3
Reserved.
Write 0.
B6–4 RCHC [2–0] – CEIR Mode Transceiver Con-
figuration, High-Speed.
These bits will drive the ID/IRSL[2–0] pins
when AMCFG is 1 and CEIR Mode with 400
kHz–480 kHz receiver subcarrier frequency is
selected.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
RCLC(2-0)
RCHC(2-0)
Reserved
Reserved
They are unused when AMCFG is 0 or when
the ID/IRSL[2–0] pins are programmed as in-
puts.
Upon read, these bits return the values previ-
ously written.
B7
Reserved.
Write 0.
B2–0 Reserved.
Read/write 0's.
B3
IRSL21_DS – ID/IRSL[2–1] Pins' Direction
Select.
This bit determines the direction of the
ID/IRSL[2–1] pins.
0
→ Pins' direction is input.
1
→ Pins' direction is output.
B4
RXINV – IRRX Signal Invert.
This bit is provided to support optical transceiv-
ers with receive signals of opposite polarity
(active high instead of active low).
When set to 1, an inverter is placed on the re-
ceiver input signal path.
B5
IRSL0_DS – ID0/IRSL0/IRRX2 Pin Direction
Select.
This bit determines the direction of the
ID0/IRSL0/IRRX2 pin.
0
→ Pin's direction is input.
1
→ Pin's direction is output.
B6
IRRX_MD – IRRX Mode Select.
Determines whether a single input or two sep-
arate inputs are used for Low-Speed and High-
Speed IrDA modes.
0
→ One input is used for both SIR and
MIR/FIR.
1
→ Separate inputs are used for SIR and
MIR/FIR.
Table 97 shows the IRRXn pins used in the
PC97338 for the low-speed and high-speed
7
6
5
432
10
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
RXINV
IRSL0_DS
IRRX_MD
AMCFG
IRSL21_DS
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com