Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 180Page - National Semiconductor (TI) PC87338 Datasheet HTML 181Page - National Semiconductor (TI) PC87338 Datasheet HTML 182Page - National Semiconductor (TI) PC87338 Datasheet HTML 183Page - National Semiconductor (TI) PC87338 Datasheet HTML 184Page - National Semiconductor (TI) PC87338 Datasheet HTML 185Page - National Semiconductor (TI) PC87338 Datasheet HTML 186Page - National Semiconductor (TI) PC87338 Datasheet HTML 187Page - National Semiconductor (TI) PC87338 Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 221 page
background image
184
www.national.com
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Extended Mode
DMA_EN
IR_PLS
MDSL0
MDSL2
DTR
RTS
TX_DFR
Offset 04h
MDSL1
76
54
321
0
Reset
Required
0
0
0
0
0
1
1
0
Link Status
Register (LSR)
Bank 0,
Non-Extended Mode
PE / BAD_CRC
BRK / MAX_LEN
TXRDY
TXEMP
ER_INF / FR_END
RXDA
OE
FE / PHY_ERR
Offset 05h
76
54
321
0
Reset
Required
0
0
0
0
x
x
x
x
Modem Status
Register (MSR)
Bank 0,
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Offset 06h
76
54
321
0
Reset
Required
Scratch Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Mode
Offset 07h
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
TXHFE (MIR / FIR only)
RXBSY / RXACT
TXUR
PLD/CTE
S_EOT
LOST_FR / RXWDG
RXF_TOUT
Extended Modes
FEND_INF
0
Offset 07h
76
543
21
0
Reset
Required
Low Byte Register
(LBGD(L))
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Rate Generator
Offset 00h
76
54
321
0
Reset
Required
High Byte Register
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Rate Generator
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com